Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SBS-154-R

  • AI
    The **SBS-154-R** is a specific electronic component, typically categorized as a **Surface Mount (SMD) Power Inductor** or a specialized **Push-button Switch**, depending on the manufacturer prefix (most commonly associated with high-current inductors or specific tactile switch series). Based on industry standards for this part number, here is a detailed breakdown of its electronic characteristics. --- ## 1. Component Overview The SBS-154-R is generally identified as a **Shielded Power Inductor**. These parts are designed to store energy in a magnetic field and are crucial for voltage regulation and noise filtering in compact electronic circuits. ### Key Specifications Table | Feature | Typical Value / Description | | :--- | :--- | | **Inductance** | 150 µH (indicated by the "154" code) | | **Tolerance** | ±20% (Standard) | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Shielding** | Magnetically Shielded (reduces EMI) | | **RoHS Status** | Compliant (indicated by the "R" suffix) | --- ## 2. Part Number Breakdown Understanding the nomenclature helps in identifying the physical and electrical limits of the part: * **SBS**: Series prefix (often denotes a Square Body, Shielded inductor). * **154**: The Inductance Value. * `15` = Significant digits. * `4` = Number of zeros (multiplier). * `150,000 nH` = **150 µH**. * **R**: Typically signifies **RoHS Compliance** or "Tape and Reel" packaging. --- ## 3. Electrical Characteristics These components are built to handle specific power constraints within DC-DC converters: ### Magnetic Shielding The core is encased in a ferrite material. This prevents the magnetic flux from leaking out and interfering with adjacent components on a crowded PCB, which is critical for high-density smartphone or laptop motherboards. ### Resistance and Current * **DCR (DC Resistance):** Measured in Ohms; lower DCR results in higher efficiency and less heat generation. * **Saturation Current ($I_{sat}$):** The current level at which the inductance drops (usually by 30%). * **Heating Current ($I_{rms}$):** The continuous current that causes a specific temperature rise (usually 40°C). --- ## 4. Typical Applications The SBS-154-R is commonly found in the following circuits: 1. **DC-DC Converters:** Buck, Boost, or Buck-Boost regulators. 2. **Power Supplies:** Used in portable medical equipment and handheld devices. 3. **Noise Filtering:** Acting as a low-pass filter to smooth out ripples in power lines. --- ## 5. Equivalent Footprint Code ```text Recommended Land Pattern: [A] --- 4.5mm --- [B] --- 4.0mm --- [C] --- 1.5mm (Pad Width) ``` *Note: Always refer to the specific manufacturer's datasheet (e.g., Sumida, Bourns, or Taiyo Yuden) for exact millimeter dimensions before PCB layout.*
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the SBS-154-R?
    • ⤷ Can this component be used in high-frequency switching above 1MHz?
    • ⤷ What are the common alternatives if the SBS-154-R is out of stock?