Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SBS-1D-R

  • AI
    The **SBS-1D-R** is a specific electronic component typically categorized as a **Bi-Directional Silicon Breakover Switch (SIDAC)**. It is a voltage-triggered switch commonly used in power electronics for ignition circuits and protection. --- ## 1. Core Technical Specifications The device acts as a solid-state switch that remains in an "off" state until the voltage across it reaches a specific breakdown threshold. | Parameter | Description | Typical Value | | :--- | :--- | :--- | | **Component Type** | Bi-Directional Silicon Switch (SBS) | Semiconductor | | **Breakover Voltage ($V_{BO}$)** | Trigger threshold | ~7V to 9V | | **Breakover Current ($I_{BO}$)** | Current at switching point | < 500 µA | | **Operating Current ($I_{T}$)** | Continuous conduction current | Up to 200mA | | **Switching Speed** | Transition time | Fast (Nanoseconds) | | **Package Style** | Physical housing | DO-35 or DO-41 (Axial) | --- ## 2. Working Principle The SBS-1D-R operates similarly to a DIAC but with more precise switching characteristics. 1. **Blocking State:** Below the breakover voltage, the device has high impedance and allows only a tiny leakage current to pass. 2. **Triggering:** Once the voltage reaches the rated $V_{BO}$ (approx. 8V), the device "breaks down" into a low-impedance state. 3. **Conduction:** It allows current to flow freely (low voltage drop) until the current falls below the "holding current" threshold. 4. **Bi-directional:** Because it is bi-directional, it operates on both the positive and negative cycles of an AC waveform. --- ## 3. Key Applications Because of its reliable and repeatable trigger voltage, the SBS-1D-R is found in several specific circuits: * **Thyristor/Triac Triggering:** Used to provide a sharp pulse to the gate of larger power components. * **Capacitive Discharge Ignition (CDI):** Found in small engine ignition systems (chainsaws, lawnmowers) to trigger the spark. * **Strobe Lighting:** Used to trigger the flash tube in timing lights or emergency beacons. * **Overvoltage Protection:** Acts as a clamp to prevent sensitive low-voltage logic from seeing voltage spikes. --- ## 4. Equivalent Schematic Representation The device is often represented in schematics as two Zener diodes connected back-to-back, though its internal structure is more complex (pnpn layers). ```text (Anode 1) | --- \ / <-- (Simplified symbol) --- | (Anode 2) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between an SBS and a standard DIAC?
    • ⤷ How do I test an SBS-1D-R using a multimeter?
    • ⤷ What are the common failure modes for this type of silicon switch?