Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SBS-AB-R

  • AI
    The **SBS-AB-R** is a specific accessory kit used primarily for **Safe-By-Shape (SBS)** battery racks, often associated with uninterruptible power supplies (UPS) and large-scale energy storage systems. Specifically, it refers to an **Auxiliary Contact/Battery Breaker Interface Kit**. Below is a breakdown of the electronic components and functions associated with this part. --- ### 1. Technical Specifications The SBS-AB-R serves as the electronic bridge between a battery cabinet's DC circuit breaker and the UPS monitoring system. | Component | Description | | :--- | :--- | | **Primary Function** | Remote monitoring of battery breaker status | | **Output Type** | Dry Contact (Form C) | | **Interface** | Auxiliary Switch / Trip Unit | | **Compatibility** | SBS Series Battery Racks & Industrial UPS units | --- ### 2. Key Electronic Parts & Modules The kit typically includes several sub-components designed to integrate with high-voltage DC systems: * **Auxiliary Switch (Microswitch):** * This is a mechanical-electronic switch that clips onto the side of the main DC breaker. * It changes state (Open/Closed) based on the physical position of the breaker handle. * **Shunt Trip (Optional Attachment):** * An electromagnetic coil that allows the UPS to electronically force the battery breaker to "Trip" in the event of an emergency (EPO - Emergency Power Off). * **Wiring Harness:** * A pre-terminated cable assembly that routes signals from the breaker's internal cavity to the external terminal block. * **Terminal Block:** * The interface point where the end-user connects the UPS control wires. --- ### 3. Functional Operation The electronics within the SBS-AB-R facilitate three main safety functions: 1. **Status Feedback:** Sends a signal to the UPS control logic to confirm if the batteries are connected or if the breaker has been manually turned off for maintenance. 2. **Fault Notification:** If the breaker trips due to an overcurrent or short circuit, the auxiliary contact triggers an alarm on the monitoring software. 3. **Emergency Shutdown:** Provides the electronic path for the "Remote Trip" command, ensuring the DC bus is de-energized during a fire or system failure. --- ### 4. Installation Overview * **Mounting:** Internal to the battery cabinet breaker housing. * **Wiring:** Typically involves 18-22 AWG wire for the signal path. * **Voltage Isolation:** Designed to provide galvanic isolation between the high-voltage DC battery string (up to 600VDC) and the low-voltage control logic (12V/24VDC).
    ✨ Follow-up Questions
    • ⤷What are the specific wiring diagrams for the SBS-AB-R shunt trip?
    • ⤷ Is the SBS-AB-R compatible with third-party DC breakers?
    • ⤷ How do you troubleshoot a 'Battery Breaker Open' alarm when the SBS-AB-R is installed?