Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SBS-AB-R/E2

  • AI
    The **SBS-AB-R/E2** is a specialized electronic module typically used in industrial automation, specifically within the **Festo** product ecosystem. It is an end plate or supply module used for pneumatic valve terminals (often associated with the CPV or SBS series). Below is a breakdown of its electronic components and specifications. ### 1. Technical Specifications The device functions as an electrical interface for managing power and signals within a modular valve manifold. | Feature | Specification | | :--- | :--- | | **Operating Voltage** | 24V DC (Standard Industrial) | | **Connection Type** | M12 or D-Sub (depending on configuration) | | **Protection Class** | IP65 (Dust-tight and water-jet resistant) | | **Material** | Die-cast aluminum/Reinforced Polymer | | **Logic Type** | PNP (Commonly indicated by "E2") | --- ### 2. Key Electronic Components The SBS-AB-R/E2 contains several critical electronic sub-assemblies to ensure reliable communication between the PLC (Programmable Logic Controller) and the pneumatic actuators: * **Integrated Bus Interface:** Contains the circuitry required to translate fieldbus signals (like PROFIBUS, CANopen, or DeviceNet) into local switching commands for individual valve solenoids. * **Status LEDs:** Typically includes visual diagnostics: * **Power LED:** Indicates 24V supply status. * **Bus Status:** Indicates active communication with the master controller. * **Error LED:** Signals short circuits or communication timeouts. * **Protection Circuitry:** Includes internal fuses or electronic current limiting to protect the manifold against overvoltage and polarity reversal. * **Switching Transistors (PNP):** The "E2" designation often refers to the **positive-switching (PNP)** output logic used to trigger the solenoid coils. --- ### 3. Wiring and Pin Assignment Electronic integration usually follows standard M12 industrial connector pinouts to ensure compatibility. ```yaml Pin Layout (Typical M12 5-pin): 1. 24V DC (Operating Voltage) 2. 24V DC (Load Voltage for Valves) 3. 0V / Ground 4. Communication Signal A 5. Communication Signal B / FE (Functional Earth) ``` ### 4. Application Context In an electronic system, this part acts as the **Electrical End Plate**. Its primary roles are: 1. **Terminating the Internal Bus:** It provides the necessary electrical termination for the data bus running through the valve slices. 2. **Power Distribution:** It bridges the external 24V supply to the internal backplane that powers each individual solenoid valve. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between PNP (E2) and NPN electronic logic in valve terminals?
    • ⤷ How do I troubleshoot a 'Bus Error' light on an SBS series module?
    • ⤷ Can the SBS-AB-R/E2 be used with IO-Link protocols?