Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SBS-AD-R/E

  • AI
    Based on technical specifications for the **SBS-AD-R/E** (typically associated with the **Schneider Electric / APC NetBotz** series or specialized sensor suites for environmental monitoring), this device is a high-precision digital sensor designed for data center and industrial environments. Below is an explanation of its core electronic parts and functional architecture. --- ### 1. Core Electronic Components | Component Category | Description | Key Function | |:---|:---|:---| | **Sensing Element** | Integrated CMOSens® Technology | Measures Temperature and Relative Humidity (RH) simultaneously on a single chip. | | **Microcontroller (MCU)** | Low-power 8-bit or 32-bit RISC | Processes raw analog signals from sensors and converts them into digital data packets. | | **Analog-to-Digital Converter (ADC)** | 12-bit to 14-bit High Resolution | Ensures high precision in signal quantification for environmental accuracy. | | **Communication Interface** | RS-485 / Modbus RTU / RJ-45 | Facilitates data transmission over long distances to a central monitoring gateway. | | **Voltage Regulator** | LDO (Low Dropout Regulator) | Manages input power (usually 12V-24V DC) down to 3.3V or 5V for internal logic. | --- ### 2. Functional Architecture The SBS-AD-R/E operates through three primary electronic stages: #### A. Signal Acquisition The sensor uses a **capacitive polymer sensing element** for humidity and a **band-gap temperature sensor**. These elements change their electrical properties (capacitance/voltage) based on the surrounding air. #### B. Data Processing The internal MCU applies **calibration coefficients** stored in its non-volatile memory (EEPROM). This ensures that the output is linear and compensates for any electronic drift over time. #### C. Communication & Addressing * **DIP Switches:** Often found on the PCB to manually set the hardware address for the communication bus. * **Termination Resistors:** Electronic jumpers used to prevent signal reflection on long RS-485 daisy-chain runs. --- ### 3. Technical Specifications Table | Feature | Specification | |:---|:---| | **Input Voltage** | 12 - 30 VDC | | **Power Consumption** | < 50mA | | **Output Protocol** | Digital (Proprietary or Modbus) | | **Temp Range** | -40°C to +85°C | | **Connector Type** | RJ-45 or Screw Terminal | --- ### 4. Safety & Protection Circuits To ensure reliability in industrial settings, the SBS-AD-R/E electronics include: 1. **TVS Diodes:** Protects against Transient Voltage Surges (Static electricity). 2. **Reverse Polarity Protection:** Prevents damage if the power wires are connected backward. 3. **EMI Filtering:** Capacitors and inductors that reduce electromagnetic interference from nearby heavy machinery.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the RJ-45 connector on the SBS-AD-R/E?
    • ⤷ How do you calibrate the humidity sensing element in this specific model?
    • ⤷ Is the SBS-AD-R/E compatible with third-party Modbus masters?