Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SBS-B1-R

  • AI
    The **SBS-B1-R** refers to a high-precision, industrial-grade **Bridge Completion Module** or **Signal Conditioning Accessory**, typically used in data acquisition systems (DAQ) to interface with strain gauges. --- ### ## Technical Specifications Overview The electronic components within the SBS-B1-R are designed to provide a stable reference for resistive sensors. | Feature | Specification | | :--- | :--- | | **Bridge Type** | Quarter-bridge to Full-bridge conversion | | **Resistance Value** | 120 $\Omega$ or 350 $\Omega$ (Common variants) | | **Accuracy / Tolerance** | Typically $\pm$ 0.01% to 0.05% | | **Temperature Coefficient** | Low drift (e.g., 1-5 ppm/°C) | | **Connection Type** | Screw terminals or proprietary DAQ headers | --- ### ### Core Electronic Components #### 1. Precision Resistors The heart of the SBS-B1-R consists of high-precision, low-drift resistors. These act as the "dummy" arms of a Wheatstone bridge. * **Function:** They complete the circuit when using a single strain gauge (Quarter-bridge). * **Quality:** They are usually metal-foil or thin-film resistors to ensure that thermal expansion does not introduce "noise" or false strain readings. #### 2. Filtering Capacitors Small surface-mount capacitors (MLCCs) are often integrated into the signal path. * **Function:** To suppress high-frequency electromagnetic interference (EMI) and radio-frequency interference (RFI) that can be picked up by long sensor wires. #### 3. Protection Circuitry * **TVS Diodes:** Some versions include Transient Voltage Suppression (TVS) diodes to protect the DAQ hardware from electrostatic discharge (ESD) during sensor installation. --- ### ### Functional Circuit Application When you connect a single strain gauge to the SBS-B1-R, the internal electronics create the following configuration: 1. **Input:** Excitation Voltage ($V_{ex}$) from the DAQ system. 2. **Internal Process:** The precision resistors provide a fixed voltage divider. 3. **Output:** A differential signal representing the change in resistance of the active strain gauge. --- ### ### Usage Summary The SBS-B1-R is essential for **Stress Analysis** and **Structural Health Monitoring**. Without these specific electronic parts, a standard DAQ system would be unable to read the minute voltage changes produced by a strain gauge, as the circuit would remain "open."
    ✨ Follow-up Questions
    • ⤷ What is the specific resistance value (ohms) of your SBS-B1-R unit?
    • ⤷ Do you need a wiring diagram for connecting a 3-wire strain gauge to this module?
    • ⤷ Are you experiencing signal noise or drift in your current setup?