Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SBS-BA-R/Q

  • AI
    The **SBS-BA-R** and **SBS-BA-Q** are high-precision components typically associated with **electronic analytical balances** (specifically those from brands like Steinberg Systems). These parts represent the core electronic architecture required to translate physical weight into a digital reading. --- ### 1. Core Electronic Components The "R" and "Q" series balances generally share a common internal electronic framework: | Component | Description | Function | | :--- | :--- | :--- | | **Load Cell** | High-precision strain gauge sensor | Converts mechanical force (weight) into a millivolt (mV) electrical signal. | | **A/D Converter** | Analog-to-Digital Integrated Circuit | Translates the weak analog voltage from the load cell into high-resolution digital data. | | **Main PCB** | Central Motherboard | Houses the microprocessor, calibration memory, and voltage regulators. | | **LCD/LED Display** | Visual Output Interface | Displays weight, unit (g, kg, oz), and status indicators (stable, zero, tare). | | **Power Module** | AC/DC Adapter or Battery Circuit | Manages voltage stability to prevent fluctuations from affecting sensor accuracy. | --- ### 2. Key Differences: R vs. Q Models While both are used for precision weighing, their electronic configurations cater to different environments: * **SBS-BA-R (Rounding/Rugged):** Often features electronics optimized for speed and stability in industrial or laboratory settings where quick "check-weighing" is required. * **SBS-BA-Q (Quality/High Precision):** Usually equipped with a higher-bit A/D converter to provide extra decimal places (e.g., 0.001g). The electronics are more sensitive to electromagnetic interference (EMI) and often require more sophisticated shielding. --- ### 3. Electronic Features and Protection The electronic boards in these units include several protective and functional layers: #### A. Calibration Circuitry The internal memory (EEPROM) stores calibration constants. When you perform a manual calibration, the electronics adjust the "slope" of the signal-to-weight ratio to ensure accuracy. #### B. Overload Protection The load cells are electronically limited. If a weight exceeding the maximum capacity is applied, the PCB triggers an "Err" or "Overload" signal to prevent permanent deformation of the strain gauge. #### C. Connectivity Ports Most models in these series include an **RS232 Serial Port**. ```python # Example of how the electronic output might be parsed via RS232: import serial # Configure the port for the SBS Balance ser = serial.Serial('/dev/ttyUSB0', 9600, timeout=1) data = ser.readline().decode('utf-8') print(f"Current Weight: {data} g") ``` --- ### Summary of Specifications | Feature | SBS-BA-R Series | SBS-BA-Q Series | | :--- | :--- | :--- | | **Precision Class** | Class III | Class II / High Precision | | **Stabilization Time** | < 2 Seconds | < 3 Seconds (Higher filtering) | | **Power Input** | 9V DC / Rechargeable | 12V DC / AC Adapter | | **Signal Processing** | Standard Digital Filter | Advanced Noise Suppression |
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the load cell electronics if the readings are drifting?
    • ⤷ What are the pinout specifications for the RS232 port on these models?
    • ⤷ Can these electronic parts be replaced individually
    • ⤷ or is a full PCB swap required?