Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SBS-BB-R

  • AI
    The **SBS-BB-R** typically refers to a specific series of **Step-Down (Buck) Converter Breakout Boards**, often utilized in DIY electronics, robotics, and battery-powered applications. It is designed to efficiently reduce a higher DC input voltage to a lower, stable DC output voltage. --- ### ## 1. Key Electronic Specifications While specific revisions may vary slightly by manufacturer, the standard SBS-BB-R (Red series) generally features the following parameters: | Parameter | Specification | | :--- | :--- | | **Module Type** | Non-isolated Step-down (Buck) | | **Input Voltage Range** | 4.5V – 28V DC | | **Output Voltage Range** | 0.8V – 20V (Adjustable via Trimpot) | | **Output Current** | 3A (Peak), 2A (Continuous without heatsink) | | **Switching Frequency** | ~1.5 MHz | | **Efficiency** | Up to 96% | | **Operating Temp** | -40°C to +85°C | --- ### ## 2. Core Components & Their Functions The board consists of several critical electronic parts that work in unison to manage power: 1. **MP2307 Controller IC:** The "brain" of the board. It is a synchronous rectified, step-down converter that integrates high-side and low-side MOSFETs. 2. **Power Inductor:** Usually a shielded surface-mount inductor. It stores energy in a magnetic field during the switching cycle to smooth out the current. 3. **Multiturn Trimpot (Potentiometer):** Used to fine-tune the output voltage. Rotating it changes the feedback loop to the IC. 4. **Input/Output Capacitors:** Ceramic or Electrolytic capacitors that filter electrical noise and stabilize the voltage ripple. 5. **Reverse Polarity Protection (Optional):** Some versions include a diode, though many basic BB-R boards do not; hence, correct wiring is vital. --- ### ## 3. Pin Configuration The board is designed for easy integration into breadboards or PCBs: | Pin Label | Description | | :--- | :--- | | **IN+** | Positive Input Power (e.g., 12V Battery) | | **IN-** | Ground / Negative Input | | **OUT+** | Regulated Positive Output (e.g., 5V to MCU) | | **OUT-** | Ground / Negative Output | --- ### ## 4. Usage Precautions * **Voltage Differential:** The input voltage must be at least 1.5V higher than the desired output voltage. * **Heat Dissipation:** If drawing more than 2A continuously, a small adhesive heatsink should be attached to the main IC to prevent thermal shutdown. * **Adjustment:** Always measure the output with a multimeter *before* connecting your load (like an Arduino or Raspberry Pi) to ensure the voltage isn't set too high.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the SBS-BB-R and a linear regulator like the L7805?
    • ⤷ Can this module be used to charge Li-ion batteries directly?
    • ⤷ How do I calculate the efficiency of the SBS-BB-R for my specific project?