Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SBS-CB-R/E

  • AI
    The **SBS-CB-R/E** is a specific electronic sub-assembly, typically categorized as a **Control Board** or **Circuit Board Interface** used in industrial automation, specialized power tools, or modular battery systems (often associated with brands like Steinel or specialized heating equipment). Below is a breakdown of the electronic components and technical characteristics generally associated with this part. --- ### 1. Technical Specifications Table | Feature | Description | | :--- | :--- | | **Component Type** | Integrated Control PCB (Printed Circuit Board) | | **Input Voltage** | Typically 12V - 24V DC (Model dependent) | | **Interface Ports** | Multi-pin header for sensor/actuator connection | | **Mounting Style** | Snap-in or Screw-mount integrated housing | | **Protection** | Thermal Overload and Short-circuit protection | --- ### 2. Key Electronic Modules The SBS-CB-R/E typically consists of the following internal hardware blocks: * **Microcontroller Unit (MCU):** The "brain" of the board that processes signals from external sensors and executes the logic for the output (e.g., motor speed or heat intensity). * **Voltage Regulators:** Converts incoming power into stable 3.3V or 5V rails to power the logic chips. * **Switching MOSFETs:** High-power transistors used to toggle the main load (heating elements or motors) on and off via PWM (Pulse Width Modulation). * **Communication Interface:** Often contains pins for RS232, I2C, or proprietary BUS protocols to talk to a master display or control unit. * **Passive Components:** Surface-mount resistors (SMD), capacitors for noise filtering, and diodes for reverse polarity protection. --- ### 3. Functional Purpose The "R/E" suffix usually denotes a specific revision or a specialized function: 1. **R (Receiver/Remote):** Capability to handle wireless or remote input signals. 2. **E (Electronic/Encoder):** Precision feedback loop for monitoring RPM or temperature levels to ensure safety and accuracy. ### 4. Typical Application Example If used in industrial heating tools (like the Steinel HG series): * It monitors the **Thermocouple** (Temperature sensor). * It adjusts the **Triac/MOSFET** to maintain a constant temperature. * It manages the **LCD/LED display** interface for user feedback. ---
    ✨ Follow-up Questions
    • ⤷What are the specific pinout diagrams for the SBS-CB-R/E?
    • ⤷ Is this control board compatible with 110V or 230V systems?
    • ⤷ How do I troubleshoot a 'Communication Error' on this specific board?