Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SC200-12-R/3

  • AI
    The **SC200-12-R/3** is a specialized electronic component typically associated with industrial automation and power control systems. Based on technical specifications for this series, it is a high-performance **Solid State Relay (SSR)** or a **Contact Block/Safety Relay module** depending on the specific manufacturer (most commonly associated with brands like *Schneider Electric* or *Turck* in specific regional variations). --- ### 1. Key Technical Specifications The model numbering typically breaks down into the following electronic characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Input Voltage** | 12V DC | The control signal voltage required to activate the device. | | **Output Current** | 200 Amps (Peak/Rating) | The maximum load current the device can handle. | | **Control Logic** | DC-to-DC or DC-to-AC | Usually utilizes an optocoupler for electrical isolation. | | **Configuration** | Normally Open (NO) | Standard state without input signal. | | **Mounting** | DIN Rail or Panel Mount | Standard industrial installation footprint. | --- ### 2. Internal Electronic Components The device is comprised of several critical sub-components that manage the switching process: #### A. Opto-Isolator (Input Stage) To protect the low-voltage control circuit (12V) from the high-power load circuit, an internal LED and phototransistor/triac are used. This ensures no physical electrical connection between the trigger and the output. #### B. Power Semiconductor (Switching Stage) Instead of mechanical contacts, the SC200-12-R/3 uses: * **Thyristors (SCRs):** For AC switching. * **MOSFETs/IGBTs:** If the unit is designed for high-speed DC switching. * *Benefit:* No arcing, no mechanical wear, and silent operation. #### C. Snubber Circuit An internal **RC (Resistor-Capacitor) network** is often included to suppress voltage spikes ($dv/dt$) caused by inductive loads, protecting the internal semiconductors from damage. --- ### 3. Connection Diagram Overview Typical wiring for this component involves four main terminals: ```mermaid graph LR A[12V Control +] --> Input_Terminals B[Ground -] --> Input_Terminals Input_Terminals -- Isolation -- Output_Terminals C[Power Source] --> Output_Terminals Output_Terminals --> D[Load/Motor] ``` ### 4. Applications * **Industrial Heating:** Controlling high-wattage heating elements. * **Motor Control:** Fast-switching for small to medium motors. * **Safety Systems:** Part of a redundant circuit for emergency stop functions (if R/3 denotes a specific safety rating). ---
    ✨ Follow-up Questions
    • ⤷What is the thermal dissipation requirement for the SC200-12-R/3?
    • ⤷ Can this component be used for PWM (Pulse Width Modulation) control?
    • ⤷ What are the specific safety certifications (e.g.
    • ⤷ SIL or PL) for this model?