Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SC200-21-R

  • AI
    The **SC200-21-R** is a specific model of a **Step-Up (Boost) DC-DC Converter** or a similar electronic component package (often associated with manufacturers like Sumida or specific industrial power modules). In most contexts, this part number refers to a high-efficiency **Surface Mount Device (SMD)** power inductor or a specific power converter module. Below is a breakdown of the typical electronic characteristics and functions associated with this part series. --- ### 1. Key Specifications Depending on the specific manufacturer (e.g., Sumida), the parameters generally fall within these ranges: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Power Inductor / DC-DC Converter Module | | **Inductance / Output** | (Model Specific) e.g., 2.1µH or 21µH | | **Mounting Type** | SMD (Surface Mount Device) | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **RoHS Status** | Compliant (The "-R" suffix usually denotes RoHS) | --- ### 2. Core Electronic Components If the SC200-21-R is viewed as a **Power Module**, it integrates several discrete parts into one package: * **Integrated Circuit (IC):** A PWM (Pulse Width Modulation) controller that manages the switching frequency. * **Power MOSFET:** A high-speed transistor that acts as the switch to build energy in the magnetic field. * **Inductor:** The primary energy storage element that allows the voltage to "step up." * **Capacitors:** Input and output ceramic capacitors to filter noise and stabilize the voltage. ### 3. Functional Operation The device operates on the principle of **Inductive Switching**: 1. **Charging Phase:** The internal switch closes, allowing current to flow through the inductor, storing energy in a magnetic field. 2. **Discharge Phase:** The switch opens; the magnetic field collapses, forcing current through a diode to the output at a higher voltage than the input. 3. **Regulation:** A feedback loop monitors the output voltage and adjusts the duty cycle of the switch to maintain a constant output. --- ### 4. Application Areas These parts are commonly found in: * **Battery-Powered Devices:** Boosting 3.7V Li-ion batteries to 5V or 12V. * **LED Drivers:** Providing constant current/voltage for high-brightness displays. * **Industrial Automation:** Point-of-load (POL) regulation on control boards. * **Telecommunications:** Noise-sensitive power supply filtering. --- ### 5. Schematic Symbol Representation In a PCB design environment (like Altium or Eagle), the part is represented as follows: ```xml [Input VIN] ----[ L1: Inductor ]----[ D1: Diode ]---- [Output VOUT] | | [ Q1: Switch ] [ C1: Filter ] | | (GND) (GND) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the SC200-21-R?
    • ⤷ Is there a direct pin-compatible equivalent from another manufacturer?
    • ⤷ Does this part require external capacitors for stabilization?