Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SC52-R80

  • AI
    The **SC52-R80** is a specific model of a **Surface Mount Device (SMD) Power Inductor**. These components are critical in power management circuits, particularly for DC-DC conversion and filtering. Below is a detailed breakdown of the part's specifications, construction, and applications. --- ### 1. Technical Specifications The nomenclature "SC52-R80" generally follows industry standards for identifying size and electrical value. | Parameter | Specification | Description | | :--- | :--- | :--- | | **Inductance** | 0.80 µH (Microhenries) | The "R80" indicates a decimal value where R = decimal point. | | **Package Size** | 5.8 x 5.2 x 2.0 mm | The "52" indicates a base of approx. 5mm and height of 2mm. | | **Mounting Type** | SMD / SMT | Designed for automated pick-and-place PCB assembly. | | **Core Material** | Ferrite | High-frequency magnetic core to minimize energy loss. | | **Shielding** | Unshielded/Semi-shielded | Typically open-frame or epoxy-coated to balance cost and EMI. | --- ### 2. Key Components and Construction The SC52-R80 is comprised of three main physical parts: 1. **Ferrite Drum Core:** A "bobbin" shaped core made of ferrite (iron oxide mixed with nickel/zinc). This concentrates the magnetic field. 2. **Copper Winding:** Enameled copper wire is wrapped around the core. The thickness of this wire determines the **DCR (Direct Current Resistance)** and the current handling capability. 3. **Terminals:** Solderable metal pads (usually tin-plated) located on the bottom for surface mounting to a PCB. --- ### 3. Electrical Characteristics When integrating this part into a circuit, engineers look at these specific performance metrics: * **Isat (Saturation Current):** The current level at which the inductance drops (usually by 10-30%). For a 0.80µH inductor, this is typically high, allowing it to handle significant power spikes. * **Irms (Rated Current):** The continuous current that causes a specific temperature rise (usually 40°C) in the component. * **DCR (DC Resistance):** Because the value is low (0.80µH), the DCR is usually very low, which improves efficiency by reducing heat loss ($P = I^2R$). --- ### 4. Common Applications Due to its low inductance value (under 1µH) and compact size, the SC52-R80 is used in high-frequency switching environments: * **Voltage Regulator Modules (VRMs):** Found on motherboards and graphics cards. * **DC-DC Converters:** Buck or Boost converters for mobile devices. * **LED Drivers:** Providing stable current to high-brightness LEDs. * **Filtering:** Used in LC circuits to smooth out ripples in power supply lines. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a shielded and unshielded inductor like the SC52 series?
    • ⤷ How does the 'R80' inductance value affect the ripple current in a buck converter?
    • ⤷ What are the typical thermal limits for SMD power inductors during soldering?