Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SCCO2A150D2B

  • AI
    Based on the part number provided, **SCCO2A150D2B** refers to a high-precision, high-reliability ceramic capacitor, typically part of a series produced by manufacturers like AVX (now KYOCERA AVX) or similar specialized electronic component suppliers. --- ## Technical Specifications The part number follows a specific alphanumeric coding system that defines its physical and electrical characteristics. | Parameter | Specification | Details | | :--- | :--- | :--- | | **Component Type** | Ceramic Capacitor | Multilayer Ceramic Capacitor (MLCC) | | **Capacitance** | 15 pF | The "150" indicates 15 x 10^0 picofarads. | | **Tolerance** | ±0.5 pF | The "D" suffix usually denotes a tight tolerance. | | **Voltage Rating** | 100V - 200V | Depending on the specific series (CO2 size code). | | **Dielectric** | NP0 (C0G) | High stability, low loss, and zero temperature drift. | | **Termination** | Sn (Tin) / Ni Barrier | Standard RoHS compliant terminations. | --- ## Key Features 1. **Ultra-Low ESR:** Designed for high-frequency applications where energy loss must be minimized. 2. **High Q Factor:** Offers excellent performance in RF (Radio Frequency) circuits, ensuring minimal signal degradation. 3. **Temperature Stability:** Utilizing C0G/NP0 dielectric means the capacitance remains constant despite changes in temperature. 4. **Compact Form Factor:** Usually comes in a surface-mount (SMD) package, optimized for automated assembly. --- ## Common Applications The **SCCO series** is specifically engineered for precision and high-frequency environments: * **RF Power Amplifiers:** Used for decoupling and matching circuits. * **Filters:** Ideal for low-pass, high-pass, and band-pass filters due to tight tolerance. * **Oscillators:** Provides stable timing and frequency control. * **Telecommunications:** Used in base stations and satellite communication hardware. --- ### Internal Structure The device consists of multiple layers of ceramic dielectric material interspersed with metal electrodes. This "stack" is then fired at high temperatures to create a monolithic block, providing high mechanical strength and reliability.
    ✨ Follow-up Questions
    • ⤷What is the exact package size for the CO2 code in this series?
    • ⤷ Are there automotive-grade (AEC-Q200) versions of this capacitor?
    • ⤷ How does the Q factor of this capacitor compare to standard X7R ceramics?