Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SCCO2A150F1B

  • AI
    The part number **SCCO2A150F1B** typically refers to a high-reliability, precision silver mica capacitor or a specialized chip capacitor (often used in RF and microwave applications). Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications Based on standard industry nomenclature for these types of high-Q components, here are the likely technical parameters: | Parameter | Specification | | :--- | :--- | | **Component Type** | Fixed Capacitor (Silver Mica or RF MLCC) | | **Capacitance** | 15 pF (Picofarads) | | **Tolerance** | ±1% (F-Grade) | | **Voltage Rating** | 100V (Industry code '2A') | | **Temperature Range** | -55°C to +125°C | | **Package/Case** | Surface Mount (SMD) | --- ### 2. Part Number Breakdown The alphanumeric code provides specific data about the component's construction: * **SCC**: Usually denotes the series (Standard Ceramic/Mica or Manufacturer Specific). * **02A**: Refers to the **Voltage Rating**. In many electronic coding systems, `2A` represents 100 Volts DC. * **150**: This is the **Capacitance Value**. The first two digits (15) are significant figures, and the third (0) is the multiplier ($10^0$). Result: 15 pF. * **F**: Represents the **Tolerance**. 'F' is the industry standard for ±1%. * **1B**: Typically refers to the **Packaging Style** (e.g., Bulk or Tape & Reel) and the specific termination material (e.g., Silver-plated or Gold-plated). --- ### 3. Key Electronic Characteristics * **High Q Factor:** These parts are designed for low loss at high frequencies, making them ideal for RF oscillators and filters. * **Temperature Stability:** This component likely features a low Temperature Coefficient of Capacitance (TCC), meaning the capacitance remains stable even as the device heats up. * **Precision:** The ±1% tolerance makes it suitable for tuning circuits where exact values are critical for frequency resonance. --- ### 4. Common Applications 1. **RF Circuits:** Used in transmitters and receivers for impedance matching. 2. **Timing Circuits:** High stability allows for precise timing in pulse-forming networks. 3. **Aerospace & Defense:** Often used in rugged environments due to the inherent stability of the dielectric material. 4. **Test Equipment:** Found in high-end oscilloscopes and signal generators. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between an 'F' and 'J' tolerance rating for this part?
    • ⤷ Can this capacitor be used in power supply decoupling?
    • ⤷ What are the common alternatives for silver mica capacitors in modern SMD designs?