Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SCCO2A150K2E

  • AI
    The part number **SCCO2A150K2E** typically refers to a **High-Voltage Ceramic Disc Capacitor**. This component is widely used in power electronics for decoupling, filtering, and snubbing applications. Below is a detailed breakdown of the electronic specifications and characteristics based on standard industry coding for these components. --- ### 1. Technical Specifications | Parameter | Specification | Description | |:---|:---|:---| | **Capacitance** | 15 pF | The "150" code indicates 15 x 10^0 picofarads. | | **Tolerance** | ±10% | The "K" suffix indicates a 10% tolerance range. | | **Voltage Rating** | 100V - 200V | Typically "2A" in many coding schemes refers to a DC voltage rating. | | **Dielectric Type** | Class 1 (NPO/COG) | Usually implies high stability and low loss. | | **Package Type** | Radial Disc | Through-hole mounting with two leads. | --- ### 2. Key Features * **High Stability:** As a low-picofarad capacitor, it often utilizes COG (NPO) material, meaning the capacitance value remains stable regardless of temperature changes. * **Low Dissipation Factor:** High efficiency with minimal energy loss as heat. * **Compact Design:** The disc shape allows for high-density placement on Printed Circuit Boards (PCBs). --- ### 3. Common Applications These capacitors are found in various electronic circuits: 1. **RF Circuits:** Used for tuning and coupling in high-frequency applications. 2. **Snubber Circuits:** Helps in absorbing voltage spikes in power supplies to protect sensitive semiconductors. 3. **Filtering:** Used in EMI/RFI filtering to remove unwanted noise from power lines. 4. **Resonant Circuits:** Ideal for oscillators due to high precision and stability. --- ### 4. Part Number Breakdown (Typical) While manufacturers vary slightly, the code is generally interpreted as follows: * **SCC:** Series/Manufacturer identifier (often specialized for safety or high voltage). * **2A:** Voltage code (Commonly 100VDC). * **150:** Capacitance value (15 followed by zero zeros = 15pF). * **K:** Tolerance (±10%). * **2E:** Packaging/Lead style or temperature coefficient code.
    ✨ Follow-up Questions
    • ⤷ What is the temperature coefficient for this specific capacitor model?
    • ⤷ Can this capacitor be used in AC power line filtering?
    • ⤷ What are the physical dimensions and lead spacing for the 2E package style?