Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SCD41-D-R2

  • AI
    ## Overview of the SCD41-D-R2 The **SCD41-D-R2** is a high-precision carbon dioxide (CO2) sensor module manufactured by **Sensirion**. It is part of the SCD4x series, utilizing the **photoacoustic sensing principle**, which allows for a significantly smaller footprint compared to traditional NDIR (Non-Dispersive Infrared) sensors without compromising performance. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Sensing Principle** | Photoacoustic | | **CO2 Measurement Range** | 400 – 5,000 ppm (Accuracy: ±40 ppm + 5% of reading) | | **Supply Voltage (VDD)** | 2.4 V – 5.5 V | | **Interface** | I2C (Standard-mode, Fast-mode, Fast-mode Plus) | | **Average Current Consumption** | 3.2 mA (at 5-minute measurement interval) | | **Peak Current** | 205 mA (during measurement) | | **Integrated Sensors** | Temperature and Humidity (RH) | | **Package Size** | 10.1 x 10.1 x 6.5 mm³ | --- ### 2. Main Electronic Components & Architecture The device is an integrated System-in-Package (SiP) consisting of several critical sub-components: * **Photoacoustic Transducer:** This is the core "microphone" and infrared light source assembly. It measures the acoustic pressure waves generated by CO2 molecules absorbing infrared light. * **ASIC (Application-Specific Integrated Circuit):** Handles the signal processing, analog-to-digital conversion, and the I2C communication protocol. * **On-chip Temperature & Humidity Sensor:** Used for internal compensation of the CO2 signal and provides environmental data to the user. * **Internal Flash Memory:** Stores calibration data, sensor serial numbers, and configuration settings. --- ### 3. Pin Configuration The SCD41 features a 6-pin LGA-style interface suitable for surface-mount technology (SMT). | Pin # | Name | Description | | :--- | :--- | :--- | | 1 | **VDD** | Supply Voltage (2.4V - 5.5V) | | 2 | **GND** | Ground | | 3 | **SCL** | I2C Serial Clock (Input) | | 4 | **SDA** | I2C Serial Data (Bidirectional) | | 5 | **ADDR** | I2C Address Select (Connect to GND) | | 6 | **GND** | Ground | --- ### 4. Application Circuit Example To integrate the SCD41-D-R2 into a project, basic decoupling capacitors and pull-up resistors are required. ```cpp // Example: Basic I2C Communication Logic #include SensirionI2CScd4x scd4x; void setup() { Wire.begin(); scd4x.begin(Wire); // Stop periodic measurement to allow configuration scd4x.stopPeriodicMeasurement(); // Start measurement mode scd4x.startPeriodicMeasurement(); } ``` --- ### 5. Distinguishing Features of the "R2" Version The **R2** suffix typically denotes a specific revision or packaging format (Tape and Reel) intended for automated assembly. Electrically, it maintains compatibility with the standard SCD41, but users should always verify the specific "D-R2" datasheet for minor adjustments in power-up sequences or timing tolerances compared to earlier prototypes.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the SCD40 and the SCD41 models?
    • ⤷ How does the photoacoustic sensing principle differ from traditional NDIR sensors?
    • ⤷ What are the recommended pull-up resistor values for the I2C lines on this sensor?