Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SCEP125U-R60

  • AI
    The **SCEP125U-R60** is a high-performance, surface-mount (SMD) power inductor commonly used in DC-DC converters and high-current power supplies. It is manufactured by **Sumida**, a leader in magnetic components. --- ### 1. Technical Specifications The part number itself defines most of its electrical characteristics. Below are the primary specifications for the R60 variant: | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.6 µH | | **Tolerance** | ±20% | | **DC Resistance (DCR)** | 1.90 mΩ (Typical) | | **Saturation Current (Isat)** | ~30.0 A (at 20°C) | | **Temperature Rise Current (Irms)** | ~22.0 A | | **Dimensions** | 12.9 x 12.9 x 6.0 mm | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Physical Construction The "SCEP" series features a **shielded construction**, which is critical for electromagnetic compatibility (EMC). * **Core Material:** Ferrite core designed for high saturation flux density. * **Shielding:** The inductor is magnetically shielded to prevent interference with neighboring components on the PCB. * **Terminals:** Large flat-surface bottom leads to ensure stable mounting and low resistance at high currents. --- ### 3. Key Features * **Low DCR:** The use of thick copper windings results in extremely low DC resistance, which minimizes power loss through heat (Joule heating). * **High Current Capability:** It is specifically designed to handle high "inrush" and steady-state currents without the core saturating (losing its inductive properties). * **Compact Footprint:** Despite its power handling, the 12.9mm square footprint is relatively small for a 30A-rated part. --- ### 4. Common Applications Due to its low inductance (0.6 µH) and high current rating, the SCEP125U-R60 is typically found in: 1. **Voltage Regulator Modules (VRMs):** Powering CPUs and GPUs in servers and desktops. 2. **Point of Load (POL) Converters:** Step-down converters where high efficiency is required. 3. **Battery Powered Systems:** Where low DCR helps extend battery life by reducing energy waste. 4. **Automotive Electronics:** Powering infotainment or ADAS systems (ensure AEC-Q200 compliance if used in this sector). ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the SCEP125U and the SCEP125H models?
    • ⤷ How does 'Saturation Current' impact the performance of this inductor in a circuit?
    • ⤷ What are the recommended PCB landing patterns for this specific package size?