Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SCEP134H-R66

  • AI
    ## Detailed Overview of SCEP134H-R66 The **SCEP134H-R66** is a high-performance, surface-mount (SMD) power inductor. It is part of the SCEP134H series, typically manufactured by companies like **Sumida**. These inductors are specifically designed for high-current applications where space and efficiency are critical. --- ### 1. Technical Specifications The alphanumeric code "R66" indicates the inductance value, while "134H" refers to the physical dimensions and series type. | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.66 µH | | **Tolerance** | ±20% (Typical) | | **DC Resistance (DCR)** | Very Low (approx. 2.0 - 2.5 mΩ max) | | **Saturation Current (Isat)** | High (typically > 20A - 30A range) | | **Operating Temperature** | -40°C to +125°C | | **Construction** | Shielded, Manganese-Zinc (Mn-Zn) Core | --- ### 2. Key Features * **High Current Handling:** Designed to handle significant current without saturating the magnetic core. * **Magnetic Shielding:** The component is shielded to minimize Electromagnetic Interference (EMI), which is vital for densely packed circuit boards. * **Low DCR:** The use of flat wire or heavy-gauge copper reduces internal resistance, minimizing heat generation and energy loss. * **Flat-top Design:** Suitable for automated pick-and-place assembly (SMT). --- ### 3. Pinout and Physical Construction The "134H" designation usually translates to the following approximate dimensions: * **Width:** ~12.9 mm * **Length:** ~12.9 mm * **Height:** ~4.8 mm ```text Structure: [ Core ] <-- Ferrite material [ Coil ] <-- Flat copper wire for high current [ Base ] <-- Surface mount pads ``` --- ### 4. Common Applications Due to its high saturation current and low inductance, the SCEP134H-R66 is primarily used in power regulation circuits: 1. **DC/DC Converters:** Used as a storage element in buck (step-down) or boost converters. 2. **Voltage Regulator Modules (VRM):** Common in CPU/GPU power delivery for servers and high-end PCs. 3. **Industrial Power Supplies:** Where high reliability and high efficiency are required. 4. **Telecommunications:** Used in base stations and networking hardware. ---
    ✨ Follow-up Questions
    • ⤷ What are the direct equivalents or alternatives to the SCEP134H series?
    • ⤷ How does the saturation current (Isat) differ from the heating current (Irms) for this part?
    • ⤷ What are the soldering profile recommendations for this specific SMT inductor?