Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SCF004-0603-R

  • AI
    Based on the part number **SCF004-0603-R**, this component is a **Surface Mount Device (SMD) Fuse**, specifically a **Slow-Blow (Time-Delay)** chip fuse. These are used for overcurrent protection in compact electronic circuits. ### 1. Technical Specifications The part number follows a standard nomenclature used by manufacturers like **SART** or similar circuit protection brands. | Feature | Specification | Description | | :--- | :--- | :--- | | **Current Rating** | 4.0 Amperes | The maximum continuous current the fuse can carry. | | **Package Size** | 0603 (EIA) | Metric 1608 (1.6mm x 0.8mm). | | **Response Characteristic** | Slow-Blow (Time-Delay) | Withstands temporary inrush currents without blowing. | | **Voltage Rating** | 24V - 32V DC (Typical) | Depends on the specific sub-series. | | **RoHS Compliant** | Yes | Lead-free and environmentally friendly. | | **Mounting Type** | SMT / SMD | Designed for automated PCB pick-and-place. | --- ### 2. Breakdown of the Part Number Decoding the alphanumeric string: * **SCF**: Series designation (typically indicates "Surface Mount Chip Fuse" or a specific manufacturer series). * **004**: Rated Current. In this case, **4 Amperes**. * **0603**: Physical footprint dimensions (0.06 inches x 0.03 inches). * **R**: Generally denotes **RoHS compliance** or **Reel packaging**. --- ### 3. Key Applications Because it is a "Slow-Blow" fuse, it is ideal for circuits where high surges occur briefly during startup. 1. **Battery Management Systems (BMS):** Protecting cells from short circuits. 2. **LCD/LED Backlight Inverters:** Handling the initial power spike of the display. 3. **Power Tools:** Protecting DC motors that have high starting torque/current. 4. **Gaming Consoles/Portable Electronics:** Protecting internal power rails. --- ### 4. Comparison: Fast-Acting vs. Slow-Blow | Feature | Fast-Acting (F) | Slow-Blow (T/SCF) | | :--- | :--- | :--- | | **Reaction Time** | Instantaneous | Delayed | | **Inrush Handling** | Poor (may blow nuisance-ly) | Excellent | | **Common Use** | Sensitive ICs, I/O ports | Motors, Capacitive loads | ---
    ✨ Follow-up Questions
    • ⤷ What is the exact breaking capacity or interrupt rating for this fuse?
    • ⤷ How do I calculate if a 4A fuse is sufficient for a circuit with a 3.5A steady load?
    • ⤷ What are the soldering temperature profiles for 0603 SMD components?