Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SCF010-R-1812

  • AI
    The **SCF010-R-1812** is a Surface Mount Device (SMD) electronic component classified as a **Resettable PTC (Positive Temperature Coefficient) Fuse**, commonly referred to as a PolySwitch or Polyfuse. --- ### 1. Key Technical Specifications The part number typically breaks down into the series type, current rating, and package size. | Parameter | Specification | | :--- | :--- | | **Component Type** | Polymer PTC Resettable Fuse | | **Hold Current ($I_{hold}$)** | 0.10 Amperes (100mA) | | **Trip Current ($I_{trip}$)** | 0.30 Amperes (300mA) | | **Maximum Voltage ($V_{max}$)** | 30V - 60V (Varies by manufacturer series) | | **Package / Case** | 1812 (4532 Metric) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Functional Principles Unlike a standard one-time fuse that blows and must be replaced, the SCF010-R-1812 operates based on material physics: * **Normal Operation:** The device maintains a low resistance state, allowing current to flow to the load. * **Overcurrent Event:** When current exceeds the trip point ($I_{trip}$), internal heating causes the polymer matrix to expand. * **Tripped State:** The expansion breaks the conductive paths, increasing resistance exponentially and limiting the current to a safe leakage level. * **Resetting:** Once the fault is removed and the device cools down, the polymer contracts, the conductive paths reconnect, and the fuse resets to a low-resistance state. --- ### 3. Physical Dimensions (1812 Package) The "1812" designation refers to the physical footprint of the chip. | Dimension | Value (Inches) | Value (Millimeters) | | :--- | :--- | :--- | | **Length (L)** | 0.18 in | 4.50 mm | | **Width (W)** | 0.12 in | 3.20 mm | --- ### 4. Typical Applications The SCF010-R-1812 is designed for low-power circuit protection where space is limited and "service-free" recovery is desired: 1. **USB Ports:** Protection against short circuits in peripheral devices. 2. **Sensors:** Guarding delicate industrial sensors from wiring errors. 3. **Battery Packs:** Preventing over-discharge/short-circuit heat in small Li-ion cells. 4. **Telecom:** Protection for line cards and networking equipment. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between I-hold and I-trip for this fuse?
    • ⤷ How does ambient temperature affect the performance of the SCF010-R-1812?
    • ⤷ What are the recommended soldering profiles for 1812 SMD fuses?