Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SCF250-2920-R

  • AI
    The **SCF250-2920-R** is an electronic component manufactured by **Eaton (formerly Coiltronics/Bussmann)**. It belongs to the **SCF Series** of Common Mode Power Inductors (Chokes). These parts are primarily used to filter out electromagnetic interference (EMI) in power supplies and electronic circuits. --- ### 1. Technical Specifications Below are the key technical parameters for this specific part number: | Feature | Specification | | :--- | :--- | | **Manufacturer** | Eaton (Bussmann Division) | | **Inductance** | 2.9 mH (Nominal) | | **Current Rating ($I_{dc}$)** | 2.5 Amps | | **DCR (Max)** | 115 mΩ (Direct Current Resistance) | | **Configuration** | Dual Winding (Common Mode) | | **Mounting Type** | Through-Hole | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Part Number Breakdown The nomenclature for this series follows a specific logic: * **SCF**: Series Prefix (Surface-mount/Through-hole Common mode Filter). * **250**: Represents the rated current (2.5 Amps). * **2920**: Represents the inductance value (2.9 mH). * **R**: Indicates compliance with **RoHS** (Lead-free) standards. --- ### 3. Functional Application Common mode chokes like the SCF250-2920-R are designed to allow "differential signals" (desired power/data) to pass while blocking "common mode noise" (unwanted interference). #### Key Applications: * **Switching Power Supplies (SMPS):** Filters high-frequency noise generated by switching transistors. * **AC/DC Line Filtering:** Prevents noise from the device from leaking back into the power grid. * **Industrial Electronics:** Protects sensitive circuits from electrical surges and EMI in harsh environments. * **DC-DC Converters:** Cleans output power for stable operation of microprocessors. --- ### 4. Construction & Physics The device consists of two coils wound on a single toroidal (donut-shaped) core. 1. **Magnetic Flux Cancellation:** When current flows in opposite directions (normal operation), the magnetic fields cancel out, allowing the current to pass with minimal impedance. 2. **Noise Suppression:** When noise flows in the same direction on both lines (common mode), the magnetic fields add together, creating high impedance that effectively "chokes" the noise. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between common mode and differential mode noise?
    • ⤷ Are there surface-mount alternatives to the SCF series?
    • ⤷ How do I calculate the power dissipation of this choke based on DCR?