Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SCI0603S-R18F

  • AI
    ## SCI0603S-R18F Electronic Component Overview The **SCI0603S-R18F** is a surface-mount high-frequency wire-wound chip inductor. It is widely used in RF (Radio Frequency) circuits due to its excellent performance in high-frequency applications where low loss and high stability are required. ### 1. Technical Specifications The following table outlines the core electrical characteristics of the SCI0603S-R18F: | Parameter | Specification | | :--- | :--- | | **Inductance** | 180 nH (0.18 µH) | | **Tolerance** | ±1% (F-grade) | | **Package / Case** | 0603 (1608 Metric) | | **Quality Factor (Q min)** | 25 @ 100MHz | | **Self-Resonant Frequency (SRF)** | 900 MHz (Typical) | | **DC Resistance (DCR max)** | 1.25 Ω | | **Rated Current (max)** | 210 mA | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Key Features and Construction * **Wire-Wound Construction:** Unlike multilayer inductors, this part uses a wire-wound structure on a ceramic core. This provides significantly higher **Q factors** and lower DC resistance, making it ideal for signal integrity. * **Precision Tolerance:** The "F" suffix indicates a **±1% tolerance**, which is crucial for tuning circuits, filters, and oscillators where precise inductance values are mandatory. * **Compact Footprint:** The **0603** size (1.6mm x 0.8mm) allows for high-density PCB layouts common in modern mobile and wireless devices. --- ### 3. Typical Applications This component is typically found in the following circuit types: 1. **RF Matching Networks:** Impedance matching between antennas and RF transceivers. 2. **LC Filter Circuits:** Used in low-pass, high-pass, or band-pass filters to eliminate noise. 3. **VCOs (Voltage Controlled Oscillators):** Providing frequency stability in oscillation circuits. 4. **Wireless Communication:** Common in Bluetooth, Wi-Fi, and cellular (LTE/5G) modules. --- ### 4. Part Number Breakdown | Part Segment | Meaning | | :--- | :--- | | **SCI** | Series Identifier (Signal Chip Inductor) | | **0603** | Dimensions (0.06 x 0.03 inches) | | **S** | Standard / High Q series | | **R18** | Inductance Value (R = decimal point; 0.18 µH = 180 nH) | | **F** | Tolerance (F = ±1%) |
    ✨ Follow-up Questions
    • ⤷ What are the main differences between wire-wound and multilayer inductors in RF designs?
    • ⤷ How does the Q factor affect the performance of a band-pass filter?
    • ⤷ Can you provide equivalent part numbers from other manufacturers like Murata or TDK?