Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SCI0603S-R28GF

  • AI
    ## SCI0603S-R28GF Electronic Component Overview The **SCI0603S-R28GF** is a high-frequency, surface-mount (SMD) wire-wound chip inductor. It is part of a series designed specifically for RF (Radio Frequency) applications where high precision and high Q-factors are required. ### 1. Key Specifications | Feature | Specification | | :--- | :--- | | **Inductance** | 280 nH (0.28 µH) | | **Tolerance** | ±2% (indicated by 'G') | | **Case Size** | 0603 (1.6mm x 0.8mm) | | **Material** | Ceramic Core | | **Construction** | Wire-wound | | **Quality Factor (Q)** | High (typically 20-30 at specific MHz) | | **Operating Temp** | -40°C to +125°C | --- ### 2. Part Number Breakdown Understanding the nomenclature helps in identifying equivalent parts: * **SCI**: Series prefix (typically Wire-wound Ceramic Inductor). * **0603**: Package size (0.06 x 0.03 inches or 1.6 x 0.8 mm). * **S**: Standard or specific material code. * **R28**: Resistance/Inductance value. `R` acts as a decimal point for µH (R28 = 0.28µH = 280nH). * **G**: Tolerance code (G = ±2%). * **F**: Lead-free / RoHS compliant finish. --- ### 3. Applications and Features #### Features * **High Self-Resonant Frequency (SRF):** Due to the ceramic core and wire-wound design, it can operate at very high frequencies without becoming capacitive. * **Precision:** The 2% tolerance makes it suitable for tight-tolerance tuning circuits. * **Excellent Thermal Stability:** The ceramic body ensures minimal inductance shift across temperature ranges. #### Common Uses 1. **RF Matching Networks:** Impedance matching for antennas in Wi-Fi, Bluetooth, and cellular modules. 2. **Filters:** Used in Band-pass or Low-pass filters for signal processing. 3. **Oscillators:** Providing stable inductance for frequency generation. 4. **Decoupling:** Filtering high-frequency noise in sensitive RF power lines. --- ### 4. Footprint and Soldering The 0603 footprint is a standard industry size, but because this is a wire-wound component, care must be taken regarding orientation if the datasheet specifies a "polarity" mark for magnetic coupling optimization. ```markdown Dimensions: L: 1.60 ± 0.15 mm W: 0.80 ± 0.15 mm T: 0.80 ± 0.15 mm ```
    ✨ Follow-up Questions
    • ⤷ What are the typical Self-Resonant Frequency (SRF) values for this inductor?
    • ⤷ How does a wire-wound ceramic inductor differ from a multilayer inductor?
    • ⤷ What are the common alternatives for the SCI0603 series in RF design?