Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SCI0603S-R30GF

  • AI
    The **SCI0603S-R30GF** is a high-frequency, surface-mount (SMD) wire-wound chip inductor. This component is primarily used in RF (Radio Frequency) circuits due to its excellent quality factor (Q) and stability at high frequencies. --- ### 1. Key Technical Specifications Below is a detailed breakdown of the technical parameters for this specific part number: | Parameter | Specification | | :--- | :--- | | **Inductance** | 300 nH (0.30 µH) | | **Tolerance** | ±2% (indicated by the 'G' in the part number) | | **Case Size** | 0603 (Inch) / 1608 (Metric) | | **Material** | Ceramic Core (Wire-wound) | | **Max DC Current (Idc)** | ~250 mA to 400 mA (Typical) | | **DC Resistance (DCR)** | Max ~1.00 - 1.50 Ω | | **Self-Resonant Frequency (SRF)** | Min ~600 MHz to 900 MHz | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Part Number Deciphering Manufacturers often use a standard naming convention for these parts: * **SCI**: Series identifier (Standard Chip Inductor). * **0603**: Physical dimensions (0.06 x 0.03 inches). * **S**: Material/Construction code (often indicating high Q or specific shielding). * **R30**: Inductance value (R represents the decimal point; R30 = 0.30 µH or 300 nH). * **G**: Tolerance (G = ±2%; J = ±5%). * **F**: Lead-free / RoHS compliant finish. --- ### 3. Features and Applications #### Features * **Wire-Wound Construction:** Provides much higher Q-factors and lower DC resistance compared to multilayer inductors. * **Ceramic Body:** Offers excellent dimensional stability and high SRF. * **Tight Tolerance:** The 2% tolerance makes it ideal for precision tuning circuits. #### Typical Applications 1. **RF Matching Networks:** Impedance matching for antennas in WiFi or Bluetooth modules. 2. **Filter Circuits:** Used in Low Pass, High Pass, or Band Pass filters. 3. **Oscillators:** Frequency stabilization in VCOs (Voltage Controlled Oscillators). 4. **Mobile Communication:** Signal conditioning in smartphones and infrastructure. --- ### 4. Comparison: Wire-wound vs. Multilayer | Feature | Wire-wound (SCI0603S) | Multilayer Inductor | | :--- | :--- | :--- | | **Q Factor** | High | Low to Medium | | **Current Handling** | Better | Lower | | **Precision** | Very High (up to 2%) | Moderate | | **Cost** | Slightly Higher | Lower |
    ✨ Follow-up Questions
    • ⤷What are the equivalent alternative part numbers from brands like Murata or Coilcraft?
    • ⤷ How does the SRF (Self-Resonant Frequency) impact its performance in 5G applications?
    • ⤷ What is the soldering profile recommended for 0603 wire-wound inductors?