Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SCI0603S-R33F

  • AI
    The **SCI0603S-R33F** is a surface-mount (SMD) high-frequency wire-wound chip inductor. These components are primarily used in RF (Radio Frequency) circuits for signal filtering and impedance matching. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the physical and electrical characteristics of the component: | Segment | Meaning | Description | | :--- | :--- | :--- | | **SCI** | Series | Surface Chip Inductor (Wire-wound type) | | **0603** | Size Code | Standard EIA 0603 package (approx. 1.6 x 0.8 mm) | | **S** | Material/Core | High-frequency ceramic core | | **R33** | Inductance | **0.33 µH** (330 nH) | | **F** | Tolerance | **±1%** (High precision) | --- ### 2. Technical Specifications The typical electrical parameters for this class of wire-wound inductor are as follows: * **Inductance:** 330 nH (0.33 µH) * **Tolerance:** ±1% * **Quality Factor (Q):** Typically high (Min. 25-40 @ 100MHz), allowing for sharp frequency selection. * **Self-Resonant Frequency (SRF):** Usually in the range of 500 MHz to 1 GHz. * **DC Resistance (DCR):** Relatively low, typically between 0.5Ω and 1.5Ω. * **Rated Current:** Usually handles between 150mA and 400mA depending on the specific manufacturer. --- ### 3. Key Features & Construction 1. **Wire-Wound Structure:** Unlike multilayer inductors, these are made by winding a copper wire around a ceramic core. This provides higher Q factors and better current handling. 2. **Ceramic Core:** Provides excellent thermal stability and very low loss at high frequencies. 3. **High Precision:** The "F" suffix (1%) makes this ideal for tight-tolerance tuning circuits where frequency drift must be minimized. --- ### 4. Common Applications Due to its high frequency and high Q characteristics, the SCI0603S-R33F is found in: * **RF Matching Networks:** Matching the impedance between an antenna and a transceiver. * **Filters:** Used in Low Pass, High Pass, or Band Pass filters. * **Wireless Communication:** Mobile phones, Wi-Fi modules, and Bluetooth devices. * **Oscillators:** Providing stable inductance for frequency generation. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between wire-wound and multilayer inductors in RF circuits?
    • ⤷ How does the Q-factor affect the performance of a 330nH inductor?
    • ⤷ What is the equivalent metric size for an 0603 EIA package?