Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SCI0805S-R33F

  • AI
    The **SCI0805S-R33F** is a surface-mount (SMD) wire-wound chip inductor. It belongs to the 0805 series, which refers to its physical dimensions in inches ($0.08 \times 0.05$ inches). This specific component is designed for high-frequency applications, such as RF (Radio Frequency) circuits. --- ### 1. Key Technical Specifications Based on the part number nomenclature, here are the primary electrical characteristics: | Parameter | Value / Description | | :--- | :--- | | **Inductance** | 330 nH (0.33 µH) | | **Tolerance** | ±1% (denoted by the 'F' suffix) | | **Package Size** | 0805 (2012 Metric) | | **Construction** | Wire-wound (Ceramic Core) | | **Material** | Ceramic (High Q factor performance) | --- ### 2. Breakdown of the Part Number Manufacturers often use a standardized coding system. For the SCI series: * **SCI**: Product series (Surface Mount Chip Inductor). * **0805**: Physical size ($2.0 \text{mm} \times 1.25 \text{mm}$). * **S**: Specific series subtype (Standard or High Current). * **R33**: Inductance code ($R = \text{decimal point}$; $R33 = 0.33 \mu\text{H}$ or $330 \text{nH}$). * **F**: Tolerance code ($F = \pm 1\%$). --- ### 3. Electrical Performance Features Wire-wound inductors on ceramic cores offer distinct advantages over multilayer inductors: * **High Q Factor:** Excellent for maintaining signal integrity and low loss in resonant circuits. * **High Self-Resonant Frequency (SRF):** Allows the inductor to function at very high frequencies before it begins to act like a capacitor. * **Precision:** The "F" tolerance ($\pm 1\%$) is very tight, making it suitable for tuning circuits where exact values are critical. * **Low DCR:** Low DC resistance ensures minimal power dissipation and heat generation. --- ### 4. Typical Applications The SCI0805S-R33F is commonly found in: * **RF Communications:** Cellular phones, GPS, and Wi-Fi modules. * **Matching Networks:** Impedance matching for antennas. * **Filtering:** Low-pass, high-pass, and band-pass filters in high-frequency signal paths. * **Oscillators:** Local oscillator circuits in radio transceivers. --- ### 5. Footprint Information (Metric) ```markdown Dimensions: - Length (L): 2.0 mm - Width (W): 1.25 mm - Height (H): 1.2 mm (approximate) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Irms) for the SCI0805S-R33F?
    • ⤷ How does a wire-wound inductor compare to a multilayer inductor in RF circuits?
    • ⤷ What are the soldering recommendations for 0805 ceramic chip inductors?