Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SCI1008S-R10GF

  • AI
    The **SCI1008S-R10GF** is a high-frequency Surface Mount (SMD) Wire-Wound Chip Inductor. It is commonly used in RF (Radio Frequency) circuits due to its high precision and excellent quality factor (Q). ### 1. Part Number Breakdown Understanding the nomenclature helps identify the component's characteristics: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **SCI** | Series | Standard Chip Inductor (Wire-wound) | | **1008** | Case Size | 1008 Imperial (approx. 2.5 x 2.0 mm) | | **S** | Material/Style | Standard profile/Standard material | | **R10** | Inductance | 0.10 $\mu$H (or 100 nH) | | **G** | Tolerance | $\pm$ 2% (Precision Grade) | | **F** | Finish | Lead-free / RoHS Compliant | --- ### 2. Technical Specifications These parts are engineered for high-frequency stability. Below are the typical electrical parameters for this specific model: | Parameter | Value | | :--- | :--- | | **Inductance** | 100 nH (0.10 $\mu$H) | | **Tolerance** | $\pm$ 2% | | **Quality Factor (Q min)** | 50 @ 150 MHz | | **Self-Resonant Frequency (SRF)** | 1200 MHz (Min) | | **DC Resistance (DCR max)** | 0.56 $\Omega$ | | **Rated Current (max)** | 400 mA | | **Operating Temperature** | -40°C to +125°C | --- ### 3. Key Features & Construction * **Wire-Wound Technology:** Uses a copper wire coiled around a ceramic core. This construction provides significantly higher **Q factors** and current handling capabilities compared to multilayer inductors. * **Ceramic Core:** Provides excellent thermal stability and a high SRF (Self-Resonant Frequency), making it ideal for high-speed signal processing. * **High Precision:** The "G" tolerance ($\pm$ 2%) is considered high precision, ensuring consistent performance in filter and tuning circuits. --- ### 4. Common Applications Due to its high frequency and low loss characteristics, the SCI1008S-R10GF is found in: * **RF Transceivers:** Used in matching networks and filters. * **Wireless Communication:** Essential for Bluetooth, Wi-Fi, and GPS modules. * **Tuning Circuits:** High precision allows for narrow-band frequency selection. * **Broadband Systems:** Used for signal decoupling and EMI suppression in high-speed data lines. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a wire-wound inductor and a multilayer inductor?
    • ⤷ How does the Q factor affect the performance of an RF filter?
    • ⤷ Can I substitute a 5% tolerance (J) inductor for this 2% (G) model?