Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SCI1008S-R10JF

  • AI
    The **SCI1008S-R10JF** is a surface-mount (SMD) wire-wound ceramic core chip inductor. It is commonly used in high-frequency RF (Radio Frequency) circuits due to its excellent quality factor (Q) and stability. --- ### 1. Part Number Deciphering Understanding the nomenclature helps identify its specific electronic characteristics: | Code Segment | Meaning | Value / Description | | :--- | :--- | :--- | | **SCI** | Series Prefix | Signal Chip Inductor | | **1008** | Case Size | 1008 (Inch) or 2520 (Metric) | | **S** | Material Type | Standard Wire-Wound | | **R10** | Inductance Value | R10 = 0.10 µH (or 100 nH) | | **J** | Tolerance | ±5% | | **F** | Termination | Lead-Free (RoHS Compliant) | --- ### 2. Key Technical Specifications These parameters define how the component behaves within an electrical circuit: * **Inductance:** 100 nH (nanhenries) at a specified test frequency (usually 25 MHz). * **Tolerance:** ±5% (Gold standard for precision RF tuning). * **Quality Factor (Q):** High Q (typically >45 at 100MHz), ensuring low signal loss in resonance circuits. * **Self-Resonant Frequency (SRF):** Typically above 1000 MHz. This is the limit where the part stops acting like an inductor. * **DC Resistance (DCR):** Low resistance (usually <0.5 Ohms) to prevent overheating and power loss. * **Rated Current:** The maximum continuous DC current it can handle before saturation or overheating (typically around 400mA - 600mA for this size). --- ### 3. Construction and Material * **Core Material:** **Ceramic**. Unlike ferrite cores, ceramic cores do not saturate, providing high stability across varying currents and temperatures. * **Wire:** Copper wire wound around the ceramic body. * **Encapsulation:** Often coated with epoxy or a clear resin for mechanical protection and to allow pick-and-place assembly. --- ### 4. Common Applications Because of its high precision and low loss, the SCI1008S-R10JF is found in: 1. **RF Filters:** Used in Band-pass or Low-pass filters for wireless communication. 2. **Impedance Matching:** Matching antennas to power amplifiers in mobile phones or Wi-Fi modules. 3. **Oscillators:** Providing the inductive component for LC tuning circuits. 4. **Signal Conditioning:** Decoupling high-frequency noise in sensitive analog lines.
    ✨ Follow-up Questions
    • ⤷What are the main differences between a ceramic core and a ferrite core inductor?
    • ⤷ How does the 'Q factor' affect the performance of this inductor in a filter circuit?
    • ⤷ Can this inductor be used for power supply filtering
    • ⤷ or is it strictly for signal RF?