Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SCI1008S-R15F

  • AI
    The **SCI1008S-R15F** is a specific surface-mount electronic component, primarily categorized as a **Wire-Wound Chip Inductor**. It is widely used in high-frequency (RF) circuits due to its stability and performance characteristics. --- ### 1. Key Technical Specifications The part number follows a standardized coding system. Below are the primary specifications for the **R15F** variant: | Parameter | Specification | | :--- | :--- | | **Inductance** | 150 nH (Nanohenries) | | **Tolerance** | ±1% (denoted by 'F') | | **Case Size** | 1008 (Metric: 2520) | | **DC Resistance (DCR)** | Max 0.56 Ω | | **Rated Current** | ~560 mA | | **Self-Resonant Frequency (SRF)** | Min 950 MHz | | **Quality Factor (Q min)** | 45 @ 100 MHz | --- ### 2. Breakdown of Part Number The alphanumeric code provides specific details about the component’s physical and electrical build: * **SCI**: Series identifier (typically Signal Chip Inductor). * **1008**: Package size (0.10 inches by 0.08 inches). * **S**: Construction style (often indicating a Standard or Shielded profile). * **R15**: The inductance value. "R" acts as a decimal point in microhenries (0.15 µH = 150 nH). * **F**: The tolerance rating (F = ±1%, J = ±5%, K = ±10%). --- ### 3. Construction and Material * **Core Material**: Ceramic or Ferrite (the "S" series often utilizes a ceramic core for high-frequency performance). * **Wire-Wound Technology**: Unlike multilayer inductors, this part features a copper wire wound around a ceramic body, providing much higher **Q factors** and better current handling. * **Termination**: Typically features gold or tin-plated electrodes for reliable soldering. --- ### 4. Common Applications Due to its high precision (±1%) and high resonant frequency, the SCI1008S-R15F is found in: 1. **RF Transceivers**: Tuning circuits and matching networks. 2. **Mobile Communications**: Filtering in GSM, Wi-Fi, and Bluetooth modules. 3. **Broadband Infrastructure**: Signal conditioning in modems and routers. 4. **Satellite Equipment**: Low-noise blocks (LNB). ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a ceramic core and a ferrite core inductor in RF applications?
    • ⤷ How does the 'Q factor' affect the performance of this inductor?
    • ⤷ What are the soldering profile recommendations for 1008-sized SMD components?