Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SCI1008S-R24JF

  • AI
    The **SCI1008S-R24JF** is a high-frequency, surface-mount (SMD) wire-wound chip inductor. These components are primarily used in RF (Radio Frequency) circuits for filtering, impedance matching, and resonance. --- ### 1. Technical Specifications The part number follows a specific nomenclature that defines its electrical properties: | Feature | Value / Specification | | :--- | :--- | | **Inductance** | 240 nH (indicated by "R24") | | **Tolerance** | ±5% (indicated by "J") | | **Package Size** | 1008 (2.5mm x 2.0mm) | | **Core Material** | Ceramic (Non-magnetic) | | **Termination** | Gold over Nickel (F = Lead-Free/RoHS compliant) | | **Operating Temp** | -40°C to +125°C | --- ### 2. Key Electrical Performance Inductors of this type are characterized by their behavior at high frequencies: * **Quality Factor (Q):** High Q factor, typically used to ensure low signal loss in resonant circuits. * **Self-Resonant Frequency (SRF):** Usually in the range of 400 MHz to 600 MHz for this specific inductance value. * **DC Resistance (DCR):** Relatively low, minimizing power dissipation and heat. * **Rated Current:** Can handle a specific maximum DC current before reaching a temperature rise (usually around 300mA to 500mA depending on the manufacturer). --- ### 3. Internal Construction Unlike multilayer inductors, the **SCI** (Surface Mount Ceramic Inductor) series uses a **Wire-Wound** construction: 1. **Ceramic Core:** Provides high thermal stability and a very low dielectric constant. 2. **Copper Wire:** Wound precisely around the core to achieve the 240nH inductance. 3. **Epoxy Coating:** Often applied to the top surface to protect the wire and provide a flat surface for pick-and-place assembly machines. --- ### 4. Common Applications Due to its high frequency and precision, this part is found in: * **RF Transceivers:** Used in Bluetooth, Wi-Fi, and GPS modules. * **Filter Networks:** Low-pass, high-pass, and band-pass filters. * **Impedance Matching:** Aligning the impedance between an Antenna and a Power Amplifier (PA). * **Voltage Controlled Oscillators (VCOs):** Providing the necessary inductance for frequency stability.
    ✨ Follow-up Questions
    • ⤷What is the difference between a wire-wound inductor and a multilayer inductor?
    • ⤷ How does the Q factor affect the performance of an RF circuit?
    • ⤷ What are the equivalents or alternatives for the 1008 package size?