Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SCIHP0735-R33M

  • AI
    The **SCIHP0735-R33M** is a high-current, surface-mount (SMD) power inductor commonly used in DC-DC converters and high-frequency power supplies. It belongs to the "molded" inductor category, designed for high reliability and efficiency. --- ### 1. Key Technical Specifications The part number follows a standard nomenclature used by manufacturers like Signal Transformer (Bel group) or similar electronic component brands. | Parameter | Specification | Details | | :--- | :--- | :--- | | **Inductance** | 0.33 µH | "R33" indicates the decimal value. | | **Tolerance** | ±20% | "M" stands for 20% tolerance. | | **Case Size** | 0735 | Approx. 7.3mm x 6.6mm (Footprint) x 3.5mm (Height). | | **DCR (Direct Current Resistance)** | ~1.3 mΩ to 2.0 mΩ | Low resistance to minimize heat loss. | | **Isat (Saturation Current)** | ~25A - 32A | The current at which inductance drops by 20-30%. | | **Irms (Rated Current)** | ~18A - 22A | Based on a 40°C temperature rise. | --- ### 2. Physical Construction The SCIHP0735 series is a **Molded Power Inductor**. This construction offers several advantages: * **Composite Core:** It uses a metal powder core (usually iron powder) molded around the copper winding. * **Shielded Design:** The molded body acts as a natural magnetic shield, reducing Electromagnetic Interference (EMI). * **Robustness:** The solid construction makes it highly resistant to mechanical shock and vibration. * **Soft Saturation:** Unlike ferrite cores that drop inductance sharply, the metal powder core provides a gradual saturation curve. --- ### 3. Application Use Cases Due to its low inductance and high current handling, the R33M variant is ideal for high-speed switching environments: 1. **Voltage Regulator Modules (VRM):** Used in CPUs and GPUs where high current and low voltage are required. 2. **Point of Load (POL) Converters:** Efficiently stepping down voltages on motherboards. 3. **Battery Powered Devices:** High efficiency helps extend battery life in laptops or portable industrial tools. 4. **Automotive Electronics:** Infotainment systems and ADAS modules (if AEC-Q200 qualified). --- ### 4. Part Number Breakdown The code `SCIHP0735-R33M` can be decoded as follows: | Segment | Meaning | | :--- | :--- | | **SCIHP** | Series prefix (High Current Power Inductor) | | **0735** | Physical dimensions (7.3mm x 3.5mm) | | **R33** | Inductance value (0.33 microhenries) | | **M** | Tolerance code (±20%) |
    ✨ Follow-up Questions
    • ⤷ How does the saturation current (Isat) of this inductor compare to a ferrite core inductor of the same size?
    • ⤷ What are the recommended soldering profiles for SMD components like the 0735 package?
    • ⤷ Can this inductor be used in high-temperature automotive applications?