Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SCIM2512S3-R002

  • AI
    The **SCIM2512S3-R002** is a specialized electronic component, specifically a **Metal Plate Current Sense Resistor**. It is designed for precision current measurement in high-power applications. ### 1. Technical Specifications The part number follows a specific nomenclature that defines its physical and electrical characteristics. | Parameter | Specification | Description | | :--- | :--- | :--- | | **Series** | SCIM | Shunt Current metal board Resistor | | **Package Size** | 2512 | 0.25 x 0.12 inches (approx. 6.4 x 3.2 mm) | | **Resistance Value** | R002 | 0.002 Ohms (2.0 mΩ) | | **Power Rating** | 3 Watts | Typical rating for this package size in metal plate tech | | **Technology** | Metal Plate | Manganese-Copper or Ni-Cr alloy for stability | | **Operating Temp** | -55°C to +170°C | High-temperature tolerance for industrial/automotive use | --- ### 2. Key Features * **Low Resistance (2.0 mΩ):** Minimizes power loss ($P = I^2R$) while allowing the measurement of high currents. * **High Precision:** Usually offers tolerances of ±1% or ±0.5%, essential for accurate feedback loops. * **Low TCR (Temperature Coefficient of Resistance):** Ensures that the resistance value stays stable even as the component heats up. * **Metal Plate Construction:** Provides superior heat dissipation and structural integrity compared to thick-film resistors. --- ### 3. Functional Application This component acts as a **Shunt Resistor**. By placing it in series with a load, a small voltage drop is created across the resistor ($V = I \times R$). An integrated circuit (like an Op-Amp or Power Management IC) measures this voltage to determine the exact current flowing through the circuit. #### Typical Use Cases: 1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in EVs or laptops. 2. **Motor Controllers:** Detecting over-current conditions to protect motors. 3. **DC-DC Converters:** Managing power distribution efficiency. 4. **Power Inverters:** Used in solar and UPS systems. --- ### 4. PCB Mounting Considerations Because this is a 2.0 mΩ resistor, the solder joint quality and trace layout significantly impact accuracy. ```markdown * Layout Tip: Use a "Kelvin Connection" (4-wire sensing). * Two pads carry the high current. * Two separate, thin traces (voltage sense lines) should be connected directly to the resistor pads to avoid measuring the voltage drop of the high-current copper traces themselves. ```
    ✨ Follow-up Questions
    • ⤷ What is the standard tolerance and TCR for the SCIM2512 series?
    • ⤷ How does a Kelvin connection improve the accuracy of a 2mΩ resistor?
    • ⤷ Are there automotive-grade (AEC-Q200) versions of this specific part?