Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SCIM2512S5-R002

  • AI
    The **SCIM2512S5-R002** is a specialized high-precision electronic component, specifically a **Current Sense Resistor** (also known as a Shunt Resistor). It is designed to measure electrical current by creating a small voltage drop that can be measured by monitoring circuitry. ### 1. Technical Specifications The part number follows a specific coding convention common in metal plate shunt resistors. | Parameter | Specification | Description | | :--- | :--- | :--- | | **Type** | Metal Plate Shunt | Built with a robust metal alloy for high stability. | | **Package Size** | 2512 (Imperial) | 6.35mm x 3.05mm (approx. 0.25 x 0.12 inches). | | **Resistance Value** | 2 mΩ (0.002 Ω) | Indicated by the code "R002". | | **Power Rating** | 5 Watts | The "S5" typically denotes a 5W power capability. | | **Mounting Type** | Surface Mount (SMD) | Designed for PCB mounting via reflow soldering. | | **Structure** | 2-Terminal | Standard high-power footprint. | --- ### 2. Key Features * **Low Resistance Value:** At 2mΩ, it minimizes power loss ($P = I^2 \times R$) while allowing for the measurement of high currents. * **High Power Dissipation:** Capable of handling up to 5W, which is high for a 2512 package, usually achieved through specialized metal alloy construction (e.g., Manganin or NiCr). * **Low TCR (Temperature Coefficient of Resistance):** These parts are engineered to maintain their resistance value even as they heat up during operation. * **AEC-Q200 Compliance:** Most parts in this series are qualified for automotive use, meaning they can withstand harsh vibrations and temperature cycles. --- ### 3. Application Use Cases This component is commonly found in power management systems where monitoring current is critical for safety or efficiency: * **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in EV batteries or power tools. * **Motor Control:** Sensing phase current in DC motors or industrial actuators. * **DC-DC Converters:** Providing feedback for overcurrent protection (OCP). * **Power Supplies:** Used in high-wattage server or telecommunications power units. --- ### 4. Code Breakdown If we deconstruct the part number **SCIM2512S5-R002**: 1. **SCIM:** Series identifier (Metal Alloy Current Sense). 2. **2512:** Physical size code. 3. **S5:** Power rating (5 Watts). 4. **R002:** Resistance value (0.002 Ohms). ---
    ✨ Follow-up Questions
    • ⤷What is the typical tolerance percentage for the SCIM2512 series?
    • ⤷ Does this resistor require specialized Kelvin (4-wire) sensing pads on the PCB?
    • ⤷ What are the recommended thermal management strategies for a 5W SMD resistor?