Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SCTH2010-R56

  • AI
    The **SCTH2010-R56** is a high-current, surface-mount (SMD) power inductor commonly used in DC-DC converters and voltage regulator modules. It belongs to a category of molded power inductors known for high efficiency and compact footprints. ### 1. Key Technical Specifications Below are the typical electrical and physical characteristics of the R56 variant of this series: | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.56 µH (Microhenries) | | **Tolerance** | ±20% | | **Case Size** | 2.0mm x 1.0mm (approximate) | | **Rated Current (Irms)** | ~4.5A to 5.5A (varies by manufacturer) | | **Saturation Current (Isat)** | ~6.0A to 7.5A | | **DC Resistance (DCR)** | ~15mΩ to 25mΩ | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Physical Construction The "SCTH" series typically utilizes a **metal alloy powder core** construction. This design offers several advantages over traditional ferrite inductors: * **Soft Saturation:** Unlike ferrite cores that lose inductance abruptly when current limits are exceeded, metal alloy cores saturate "softly," meaning the inductance drops gradually. * **Magnetic Shielding:** The molded structure naturally shields the component, reducing Electromagnetic Interference (EMI) with neighboring components on the PCB. * **High Power Density:** The small 2010 (metric) footprint allows for high current handling in extremely tight spaces, such as smartphones or tablets. --- ### 3. Application Use Cases This specific inductor (0.56µH) is usually found in high-frequency switching environments: 1. **Buck Converters:** Stepping down voltage for CPU/GPU cores in mobile devices. 2. **Point of Load (POL) Supplies:** Distributed power systems where local voltage regulation is required. 3. **Battery Powered Devices:** IoT sensors, wearables, and handheld electronics where space and efficiency are critical. --- ### 4. Part Number Breakdown (Typical) While manufacturers vary slightly, the nomenclature generally follows this logic: | Code | Meaning | | :--- | :--- | | **SCTH** | Series Type (High Current Molded Inductor) | | **2010** | Dimensions (2.0mm length x 1.0mm width) | | **R56** | Inductance Value (R denotes decimal point: 0.56) |
    ✨ Follow-up Questions
    • ⤷ How does 'soft saturation' in metal alloy inductors benefit a circuit design?
    • ⤷ What are the primary differences between the 2010 and 2520 case sizes for this series?
    • ⤷ How does the DCR of the R56 compare to a 1.0uH inductor in the same series?