Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SD1623-R

  • AI
    ## SD1623-R NPN Silicon Transistor The **SD1623-R** (often categorized under the 2SD1623 series) is a high-frequency, low-noise NPN epitaxial silicon transistor. It is primarily designed for use in small-signal amplification and switching applications. --- ### 1. Key Technical Specifications The "R" suffix typically denotes the **hFE (DC Current Gain)** classification, ensuring the part operates within a specific gain range. | Parameter | Symbol | Maximum Rating | Unit | | :--- | :--- | :--- | :--- | | Collector-Base Voltage | $V_{CBO}$ | 60 | V | | Collector-Emitter Voltage | $V_{CEO}$ | 50 | V | | Emitter-Base Voltage | $V_{EBO}$ | 5 | V | | Collector Current (DC) | $I_C$ | 100 | mA | | Total Power Dissipation | $P_D$ | 200 | mW | | Junction Temperature | $T_j$ | 150 | °C | --- ### 2. Physical Characteristics The SD1623-R is most commonly found in the **SOT-23** surface-mount package. This makes it ideal for high-density circuit boards. * **Package Type:** SOT-23 (Small Outline Transistor) * **Pin Configuration:** 1. **Base (B)** 2. **Emitter (E)** 3. **Collector (C)** * **Marking Code:** Usually marked with a shorthand code (e.g., `L6` or `L7` depending on the manufacturer and gain grade). --- ### 3. Electrical Features * **High Current Gain:** The "R" grade specifically points to a DC current gain ($h_{FE}$) typically ranging from **180 to 390**. * **Low Noise:** Designed to minimize signal interference, making it suitable for audio pre-amplifiers. * **High Frequency:** Features a high transition frequency ($f_T$), allowing it to perform well in RF (Radio Frequency) oscillation and amplification. --- ### 4. Common Applications Due to its small footprint and reliable performance, it is used in: 1. **Audio Preamplifiers:** For boosting weak audio signals. 2. **General Switching:** Acting as a digital switch for small loads (LEDs, relays). 3. **Signal Processing:** Found in consumer electronics like smartphones, televisions, and radios. 4. **Oscillators:** Used in clock generation or radio tuning circuits. ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for the SD1623-R?
    • ⤷ How do the 'O'
    • ⤷ 'Y'
    • ⤷ and 'G' gain classifications differ from the 'R' grade?
    • ⤷ What is the typical transition frequency (fT) for this transistor?