Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SD3814-R82-R

  • AI
    ## Overview of the SD3814-R82-R The **SD3814-R82-R** is a high-performance, low-profile, shielded drum core inductor. It belongs to the **SD3814 series** manufactured by **Eaton (formerly Coiltronics)**. These components are designed for power management applications where space is limited and electromagnetic interference (EMI) must be minimized. --- ### Technical Specifications The following table outlines the primary electrical and physical characteristics of the SD3814-R82-R: | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.82 µH | | **Tolerance** | ±20% | | **DC Resistance (DCR)** | 0.035 Ω (Typical) | | **Saturation Current ($I_{sat}$)** | 2.56 A (10% drop) / 3.25 A (30% drop) | | **RMS Current ($I_{rms}$)** | 2.12 A (Temperature rise of 40°C) | | **Operating Temperature** | -40°C to +125°C | | **Dimensions (LxWxH)** | 4.0mm x 4.0mm x 1.4mm | | **Shielding** | Ferrite Core (Magnetically Shielded) | --- ### Key Features 1. **Low Profile:** With a height of only 1.4mm, it is ideal for thin consumer electronics like smartphones, tablets, and wearable devices. 2. **Magnetic Shielding:** The ferrite drum core is enclosed, significantly reducing EMI. This is crucial for circuits where components are densely packed. 3. **High Current Handling:** Despite its small footprint, it manages high saturation currents, making it efficient for high-frequency DC-DC converters. 4. **RoHS Compliant:** The "-R" suffix indicates that the part is lead-free and meets RoHS environmental standards. --- ### Typical Applications The SD3814-R82-R is commonly integrated into the following systems: * **Buck/Boost Converters:** Used as the energy storage element in voltage regulators. * **Mobile Devices:** Powering CPUs and displays in handheld electronics. * **Battery Powered Equipment:** Where high efficiency and low DCR are needed to extend battery life. * **LED Drivers:** Providing stable current for lighting modules. --- ### Internal Structure & Materials The component consists of a **ferrite core** wound with copper wire. The entire assembly is encapsulated in a magnetic resin or a ferrite jacket. The terminals are typically gold-plated or tin-plated for reliable surface mount (SMT) soldering. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between Isat and Irms in the context of this inductor?
    • ⤷ Can you provide a footprint recommendation for the SD3814 series?
    • ⤷ How does the 0.82 uH inductance value affect the ripple current in a buck converter?