Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SD53-101-R

  • AI
    ## Overview of SD53-101-R The **SD53-101-R** is a surface-mount (SMD) power inductor part of the **SD53 Series** manufactured by **Eaton (formerly Coiltronics/Bussmann)**. It is specifically designed for high-density applications where space and efficiency are critical. --- ### 1. Key Technical Specifications The part number "101" indicates the inductance value, while the "R" signifies RoHS compliance. | Parameter | Value | | :--- | :--- | | **Inductance** | 100 µH | | **Tolerance** | ±20% | | **DC Resistance (DCR)** | 0.589 Ω (Typical) | | **Rated Current (Irms)** | 0.58 Amps | | **Saturation Current (Isat)** | 0.65 Amps | | **Operating Temperature** | -40°C to +125°C | | **Shielding** | Magnetically Shielded | --- ### 2. Physical Characteristics The SD53 series is known for its compact, low-profile footprint. * **Dimensions:** Approximately 5.2mm x 5.2mm. * **Height:** 3.0mm (max). * **Construction:** Ferrite drum core with a magnetic epoxy shield to reduce Electromagnetic Interference (EMI). * **Mounting Type:** Surface Mount Device (SMD/SMT). --- ### 3. Functional Applications Due to its 100 µH inductance and shielded nature, this component is commonly found in: 1. **DC-DC Converters:** Used as energy storage elements in buck, boost, or SEPIC converters. 2. **Power Supplies:** Filtering noise in portable electronics such as digital cameras and handheld devices. 3. **LED Drivers:** Providing constant current for lighting applications. 4. **Computers:** Found in peripheral power management circuits. --- ### 4. Part Number Breakdown Understanding the Eaton/Coiltronics nomenclature: | Segment | Meaning | | :--- | :--- | | **SD** | Shielded Drum Core Series | | **53** | Dimensions (approx. 5mm width, 3mm height) | | **101** | Inductance Value (10 + one zero = 100 µH) | | **R** | RoHS compliant / Lead-Free | ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between Irms and Isat for this inductor?
    • ⤷ Are there alternative inductors with a lower profile than 3.0mm?
    • ⤷ How does magnetic shielding benefit a circuit design?