Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SDL0806P-R60MF

  • AI
    The **SDL0806P-R60MF** is a high-current, surface-mount (SMD) power inductor commonly used in DC-DC converters and power management modules. This specific part belongs to a category of "Molded Power Inductors," known for their compact size and high efficiency. --- ### 1. Technical Specifications The part number can be broken down to understand its core physical and electrical characteristics. | Parameter | Specification | Description | | :--- | :--- | :--- | | **Inductance** | 0.60 µH (R60) | The nominal inductance value. | | **Tolerance** | ±20% (M) | The allowable variance in inductance. | | **Case Size** | 0806 | Dimensions (approx. 8.0mm x 6.0mm). | | **Current Rating (Isat)** | ~25A - 30A | The current at which inductance drops by a specific %. | | **Current Rating (Irms)** | ~18A - 22A | The continuous current allowed based on temperature rise. | | **DCR (Max)** | ~1.5 mΩ - 2.5 mΩ | DC Resistance; lower is better for efficiency. | --- ### 2. Key Features The SDL0806P series is designed for modern high-density electronics: * **Magnetic Shielding:** The molded construction uses a magnetic metal powder core which provides excellent EMI (Electromagnetic Interference) shielding. * **High Saturation Current:** Unlike traditional ferrite core inductors, these handle high current peaks without a sharp drop in inductance. * **Low Profile:** Designed for automated SMT (Surface Mount Technology) assembly on PCBs. * **High Reliability:** Usually rated for operating temperatures between -40°C and +125°C. --- ### 3. Common Applications Due to its high current handling and small footprint, the SDL0806P-R60MF is typically found in: 1. **Voltage Regulator Modules (VRM):** Used in CPU and GPU power delivery on motherboards. 2. **Point of Load (POL) Converters:** Providing stable power to specific chips on a PCB. 3. **Battery Powered Devices:** High efficiency helps extend battery life in laptops and tablets. 4. **Telecom & Networking:** Used in high-speed routers and switches. --- ### 4. Circuit Diagram Representation In a schematic, this part is represented as a standard inductor with its specific value: ```text L1 (SDL0806P-R60MF) Vin ----( 0.60µH )---- Vout | [C] (Filter Capacitor) | GND ```
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the SDL0806P-R60MF?
    • ⤷ How does saturation current (Isat) differ from rms current (Irms) in this component?
    • ⤷ What are the soldering profile recommendations for this SMD package?