Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SDM129N-R50MF

  • AI
    The **SDM129N-R50MF** is a high-current, surface-mount (SMD) power inductor commonly used in DC-DC converters and high-frequency power supplies. Below is a detailed breakdown of its technical specifications and features. --- ### 1. Technical Specifications The part number follows a specific nomenclature that defines its physical and electrical characteristics. | Parameter | Value / Description | | :--- | :--- | | **Inductance** | 0.50 µH (Indicated by R50) | | **Tolerance** | ±20% (Indicated by M) | | **Case Size** | 12.9 x 12.9 mm (approx.) | | **Current Rating (Isat)** | Typically 30A - 50A (varies by specific manufacturer version) | | **DC Resistance (DCR)** | Extremely Low (mΩ range) | | **Construction** | Shielded, Metal Alloy/Composite | --- ### 2. Key Features * **High Saturation Current:** Designed to handle high peak currents without the magnetic core "saturating," which would otherwise cause a drop in inductance. * **Shielded Design:** The magnetic field is contained within the component, reducing Electromagnetic Interference (EMI) with neighboring components on the PCB. * **Low DCR:** The use of flat wire or heavy-gauge copper minimizes power loss due to heat (I²R losses), improving overall device efficiency. * **RoHS Compliant:** Lead-free and environmentally friendly for modern manufacturing. --- ### 3. Application Examples This specific inductor is typically found in high-demand power stages: 1. **Voltage Regulator Modules (VRMs):** Powering CPUs and GPUs in servers or gaming PCs. 2. **Point of Load (POL) Converters:** Used to step down voltage for FPGAs or ASICs. 3. **Battery Powered Systems:** High-efficiency power management for portable industrial tools. 4. **Automotive Electronics:** Infotainment and ADAS power rails (if AEC-Q200 qualified). --- ### 4. Part Number Breakdown Typical decoding for this series: * **SDM:** Series identifier (often Power Inductor - Shielded). * **129:** Dimensions (approx. 12mm x 12mm x 9mm height). * **N:** Material or design code. * **R50:** Inductance value (R = decimal point; 0.50 microhenries). * **M:** Tolerance code (M = ±20%). * **F:** Lead-free / Environmental finish.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the SDM129N series from manufacturers like Vishay or Coilcraft?
    • ⤷ How does the temperature rise affect the saturation current of this specific inductor?
    • ⤷ Can this inductor be used in high-frequency switching applications above 1MHz?