Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SDQ25-151-R

  • AI
    ### Overview of SDQ25-151-R The **SDQ25-151-R** is a high-performance, surface-mount, dual-winding inductor (transformer) manufactured by **Eaton (formerly Cooper Bussmann/Coiltronics)**. It is part of the SDQ series, characterized by its "Dual-Winding" construction which allows it to be used as an inductor, a 1:1 transformer, or a coupled inductor. --- ### Technical Specifications | Parameter | Value | | :--- | :--- | | **Inductance** | 150 µH | | **Current Rating (Typical)** | 0.354 A (354 mA) | | **DC Resistance (DCR)** | 1.187 Ω (Max per winding) | | **Tolerance** | ±20% | | **Operating Temperature** | -40°C to +125°C | | **Construction** | Shielded, Dual Winding | | **Package / Case** | 5.2mm x 5.2mm x 2.5mm (SMD) | --- ### Core Electronic Characteristics #### 1. Dual Winding Versatility The component consists of two separate coils wound on a single ferrite core. This provides three primary wiring configurations: * **Series:** Inductance increases by 4x (approx. 600 µH). * **Parallel:** Inductance remains 150 µH, but current capacity doubles. * **Coupled/Transformer:** Functions as a 1:1 transformer for galvanic isolation or voltage transformation. #### 2. Magnetic Shielding The SDQ25 series is **shielded**. This is critical for high-density Electronic Control Units (ECUs) because it minimizes Electromagnetic Interference (EMI) by containing the magnetic flux within the component body. #### 3. Saturation Current ($I_{sat}$) The $I_{sat}$ refers to the current at which the inductance drops by a specific percentage (usually 30%). For the 151-R model, the saturation current is relatively low due to the high inductance value, making it suitable for low-power signal or sensing applications. --- ### Common Applications * **Buck/Boost Converters:** Used in DC-DC conversion where energy storage is required. * **SEPIC Converters:** The dual-winding nature is ideal for Single-Ended Primary-Inductor Converters. * **Common Mode Choke:** Used for filtering noise in power lines. * **Isolation:** Providing basic isolation between input and output circuits in low-power communications. --- ### Comparison: Series vs. Parallel Connection If you are integrating this into a PCB design, note the difference in performance based on pin configuration: ```c // Example Logic for Pin Configuration If (Configuration == "Series") { Total_Inductance = L * 4; Max_Current = I_rated; } Else If (Configuration == "Parallel") { Total_Inductance = L; Max_Current = I_rated * 2; } ```
    ✨ Follow-up Questions
    • ⤷ What are the specific pin connections for wiring this inductor in series?
    • ⤷ How does the shielding of the SDQ25 compare to non-shielded inductors in EMI-sensitive designs?
    • ⤷ What is the peak reflow temperature for soldering the SDQ25-151-R?