Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SDR1030

  • AI
    The **SDR1030** refers to a specific series of **Surface Mount Device (SMD) Power Inductors**. These are passive electronic components designed to store energy in a magnetic field, primarily used in power management circuits. ### 1. Key Technical Specifications The "1030" designation typically refers to the physical dimensions of the component (approximately 10mm x 10mm x 3mm). | Parameter | Typical Value / Range | | :--- | :--- | | **Inductance Range** | 1.0 µH to 1000 µH | | **Current Rating (I-sat)** | 0.5A to 8.0A (varies by inductance) | | **DC Resistance (DCR)** | 0.01Ω to 1.5Ω | | **Operating Temp** | -40°C to +125°C | | **Package Size** | 10.0 x 10.0 x 3.0 mm | --- ### 2. Physical Construction The SDR1030 is categorized as a **non-shielded** or **semi-shielded** inductor. * **Core Material:** Usually a Ferrite core, which provides high permeability and low energy loss. * **Winding:** Copper wire wound around the ferrite bobbin. * **Terminals:** Tin-plated (Sn) leads located at the bottom of the base for SMT (Surface Mount Technology) soldering. * **Marking:** The top surface usually features a three-digit code (e.g., "101" represents 100 µH). --- ### 3. Roles in Electronic Circuits These inductors are fundamental in several power-related applications: 1. **DC-DC Converters:** They act as energy storage elements in Buck (step-down) or Boost (step-up) converters to smooth out voltage ripples. 2. **Filtering:** Used in LC (Inductor-Capacitor) filters to block high-frequency noise while allowing DC current to pass. 3. **Decoupling:** Prevents electromagnetic interference (EMI) from spreading through power supply lines. --- ### 4. Selection Criteria When choosing an SDR1030 part for a design, engineers must consider: * **Saturation Current ($I_{sat}$):** The current at which the inductance drops by a specific percentage (usually 10% or 20%). Exceeding this causes the inductor to lose its properties. * **RMS Current ($I_{rms}$):** The continuous current that causes a specific temperature rise (usually 40°C) due to resistive heating. * **Self-Resonant Frequency (SRF):** The frequency at which the component stops acting like an inductor and starts acting like a capacitor. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between shielded and non-shielded inductors in terms of EMI?
    • ⤷ How do I calculate the required inductance for a Buck converter?
    • ⤷ What does the 3-digit marking code '221' mean on an SDR inductor?