Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SDR10DS

  • AI
    ### Technical Overview of the SDR10DS The **SDR10DS** typically refers to a high-speed, differential signaling connector or a specific power inductor component, depending on the manufacturer (most commonly associated with **Hirose** or **SDR series** inductors). Based on common electronic sourcing, this part is most frequently identified as a **Mini-Delta Ribbon (MDR)** or high-speed serial connector component designed for Camera Link or similar interface standards. --- ### 1. Key Specifications If the SDR10DS refers to the **High-Speed Differential Connector** series: | Feature | Specification | |:---|:---| | **Pin Count** | 10 Pins | | **Interface Type** | SDR (Shrink Delta Ribbon) | | **Signal Type** | Differential Signaling (LVDS) | | **Pitch** | 0.8 mm | | **Current Rating** | 0.5A per pin | | **Voltage Rating** | 125V AC | --- ### 2. Electronic Composition The internal construction of the SDR10DS involves several critical electronic materials and design choices to ensure signal integrity: 1. **Contact Base Material:** Usually a copper alloy (Phosphor Bronze) providing a balance between conductivity and mechanical spring tension. 2. **Plating:** * **Contact Area:** Gold plating (typically 10-30 $\mu$in) to prevent oxidation and ensure low contact resistance over high mating cycles. * **Lead Area:** Tin or Gold flash for soldering compatibility. 3. **Insulator:** High-temperature thermoplastic (e.g., LCP - Liquid Crystal Polymer) capable of withstanding reflow soldering temperatures ($260^\circ C$). 4. **Shielding:** Steel or Die-cast Zinc shell to provide EMI/RFI protection, crucial for high-speed data transmission. --- ### 3. Application Use-Cases The SDR10DS is primarily used in environments where space is limited but high data throughput is required: * **Machine Vision:** Small-form-factor cameras using the Camera Link Lite standard. * **Medical Imaging:** High-resolution sensors requiring shielded data paths. * **Industrial Automation:** Servo motor feedback loops where differential signals prevent noise interference. --- ### 4. Technical Drawing Reference (Conceptual) ```text [ Shielding Shell ] _______________________ | [1] [2] [3] [4] [5] | <-- Row A | [6] [7] [8] [9] [10] | <-- Row B \_____________________/ (0.8mm Pitch) ``` --- ### 5. Troubleshooting & Maintenance When working with these parts, pay attention to: * **Mating Cycles:** Typically rated for 500 cycles. Excessive force can bend the 0.8mm pitch pins. * **Solder Bridging:** Due to the fine pitch, use high-quality solder paste and stencil thickness of 0.1mm to 0.12mm. * **EMI Integrity:** Ensure the outer shell is properly grounded to the PCB plane to maintain the SDR shielding benefits.
    ✨ Follow-up Questions
    • ⤷ What is the difference between SDR and MDR connectors in machine vision?
    • ⤷ What are the recommended soldering profiles for 0.8mm pitch LCP connectors?
    • ⤷ Can you provide the pinout mapping for a standard SDR10DS Camera Link interface?