Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SDR10EZPJ1R0

  • AI
    The **SDR10EZPJ1R0** is a specific surface-mount resistor manufactured by **ROHM Semiconductor**. It belongs to the SDR series, which is specifically designed for high-reliability applications, particularly in the automotive and industrial sectors. --- ### 1. Part Number Breakdown To understand the electronic characteristics, we can decode the part number: | Segment | Code | Meaning | | :--- | :--- | :--- | | **Series** | `SDR` | High Power Anti-Surge Chip Resistors | | **Size** | `10` | 0805 (Inch) / 2012 (Metric) package size | | **Selection** | `EZP` | Packaging code (typically Paper tape 4mm pitch) | | **Tolerance** | `J` | ±5% Resistance Tolerance | | **Resistance** | `1R0` | 1.0 Ohm (1R0 = $1.0 \times 10^0$) | --- ### 2. Key Technical Specifications The SDR series is distinguished by its ability to handle significantly higher power and surge voltages compared to standard thick-film resistors of the same size. | Parameter | Specification | | :--- | :--- | | **Resistance Value** | 1.0 $\Omega$ | | **Tolerance** | ±5% | | **Power Rating** | 0.33W (1/3 Watt) at 70°C | | **Temperature Coefficient (TCR)** | ±200 ppm/°C | | **Operating Temp Range** | -55°C to +155°C | | **Max Working Voltage** | 150V | | **Automotive Standard** | AEC-Q200 Qualified | --- ### 3. Critical Features * **Anti-Surge Characteristics:** The internal structure is optimized to withstand high pulse voltages, making it far more robust than general-purpose resistors against sudden power spikes. * **High Power Density:** While a standard 0805 resistor usually handles 0.125W to 0.25W, the SDR10 is rated for **0.33W**, allowing for circuit miniaturization. * **AEC-Q200 Compliance:** This ensures the part has undergone rigorous stress testing for vibration, thermal shock, and moisture resistance, making it suitable for automotive engine control units (ECUs) and safety systems. --- ### 4. Typical Applications Given its low resistance (1.0 $\Omega$) and anti-surge capabilities, this part is commonly used for: 1. **Current Sensing:** Monitoring current flow in power management circuits. 2. **Inrush Current Limiting:** Protecting sensitive downstream components from initial power-up spikes. 3. **Snubber Circuits:** Absorbing energy from switching transients in DC-DC converters. 4. **LED Drivers:** Providing stable current regulation in automotive lighting.
    ✨ Follow-up Questions
    • ⤷ How does the anti-surge performance of the SDR series compare to the standard MCR series?
    • ⤷ Are there 1% tolerance versions available for this specific resistance value?
    • ⤷ What is the recommended solder profile for the EZP packaging?