Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SDR10EZPJ9R1

  • AI
    The **SDR10EZPJ9R1** is a specific electronic component manufactured by **ROHM Semiconductor**. It belongs to the SDR series of high-reliability, anti-surge chip resistors. --- ### 1. Component Specifications Below are the technical parameters for the SDR10EZPJ9R1: | Parameter | Specification | |:--- |:--- | | **Manufacturer** | ROHM Semiconductor | | **Series** | SDR (Anti-Surge Chip Resistors) | | **Resistance Value** | 9.1 $\Omega$ | | **Tolerance** | ±5% (indicated by 'J') | | **Power Rating** | 0.33W (1/3W) | | **Package Code** | 0805 (Inch) / 2012 (Metric) | | **Temperature Coefficient** | ±200ppm/°C | | **Operating Temperature** | -55°C to +155°C | --- ### 2. Part Number Breakdown Understanding the nomenclature helps identify the physical and electrical characteristics: * **SDR**: Series Name (Anti-Surge Chip Resistors). * **10**: Size code (0805 in inches). * **EZP**: Packaging code (typically 7-inch reel, paper tape). * **J**: Tolerance code (±5%). * **9R1**: Resistance value (9.1 Ohms; 'R' acts as the decimal point). --- ### 3. Key Features & Applications The SDR series is designed for environments where electrical surges or high power pulses are common. #### Features: * **Superior Surge Resistance**: Optimized internal structure to handle high-voltage surges better than standard thick-film resistors. * **High Power**: Rated for 0.33W, which is higher than the standard 0.125W usually found in 0805 packages. * **AEC-Q200 Compliant**: Suitable for automotive use and harsh industrial environments. #### Typical Applications: 1. **Automotive Electronics**: ECU power supplies, lighting circuits. 2. **Power Supplies**: Inrush current limiting and snubber circuits. 3. **Industrial Equipment**: Motor control units and high-reliability sensors. 4. **Consumer Electronics**: Protection circuits for battery management. --- ### 4. Comparison: Standard vs. Anti-Surge | Feature | Standard Resistor (MCR Series) | Anti-Surge (SDR Series) | |:--- |:--- |:--- | | **Surge Handling** | Moderate/Low | Excellent | | **Reliability** | Standard | High (Automotive Grade) | | **Cost** | Low | Slightly Higher |
    ✨ Follow-up Questions
    • ⤷ What are the pulse-handling limits for the SDR10 series compared to standard 0805 resistors?
    • ⤷ Can this resistor be used in high-voltage sensing applications?
    • ⤷ What are the recommended soldering profiles for ROHM SDR chip resistors?