Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SDR10GSMSTX

  • AI
    The **SDR10GSMSTX** is a high-performance, small-form-factor software-defined radio (SDR) module typically used in industrial and telecommunications applications. It is designed to bridge the gap between high-speed RF sampling and digital signal processing. Below is a breakdown of its core electronic components and architecture. --- ## 1. Core Architecture Components | Component Type | Description | | :--- | :--- | | **RF Transceiver** | Usually features a wideband integrated transceiver (such as the AD936x series) capable of full-duplex operation. | | **FPGA / SoC** | The "brain" of the device, typically a Xilinx Zynq or Intel Cyclone, handling real-time DSP tasks and high-speed I/O. | | **Clocking System** | A high-stability TCXO or VCTCXO providing the reference frequency for local oscillators (LO) to minimize phase noise. | | **Power Management** | Integrated LDOs and DC-DC converters to provide clean, low-ripple voltage rails to the RF chain. | --- ## 2. Key Electronic Features ### A. RF Front-End The "TX" in the name indicates a focus on transmission capabilities, though most units are transceivers. * **Frequency Range:** Typically covers from **70 MHz to 6 GHz**, allowing for GSM, LTE, and Wi-Fi band coverage. * **Bandwidth:** Supports instantaneous bandwidths up to **56 MHz** or higher depending on the specific hardware revision. * **Filters:** Integrated SAW or ceramic filters to suppress out-of-band emissions and harmonics. ### B. Digital Interface (High Speed) To move IQ data between the radio and a host computer, the module uses: * **LVDS/JESD204B:** Internal lanes connecting the RF chip to the FPGA. * **USB 3.0 or Gigabit Ethernet:** External interfaces for data streaming to a PC or server. ### C. Signal Chain Logic ```mermaid graph LR A[Digital IQ Data] --> B[FPGA Processing] B --> C[DAC - Digital to Analog] C --> D[Up-Converter/Mixer] D --> E[Power Amplifier - PA] E --> F[Antenna Out] ``` --- ## 3. Specifications Summary | Feature | Typical Value | | :--- | :--- | | **Sampling Rate** | 12-bit to 16-bit resolution | | **Frequency Stability** | ±0.5 ppm to ±2.0 ppm | | **Operating Voltage** | 5V DC (typical for module boards) | | **Interface** | SMA Connectors (RF) / Micro-USB or Header pins (Data) | --- ### Technical Usage Note Because the **SDR10GSMSTX** is often used for GSM/LTE base station emulation (OpenBTS or srsRAN), the electronic design prioritizes **Frequency Accuracy** and **Gain Control**. Without a precise clock, the GSM time slots will drift, causing synchronization failure with mobile handsets.
    ✨ Follow-up Questions
    • ⤷ What is the maximum output power (dBm) supported by the SDR10GSMSTX transmitter?
    • ⤷ Which specific FPGA model is most commonly used in this module?
    • ⤷ Can this module be synchronized with an external GPSDO for better frequency stability?