Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SDR10JS

  • AI
    Based on the part number provided, the **SDR10JS** refers to a **Surface Mount (SMD) Power Inductor**, commonly manufactured by companies like Bourns (part of the SDR series). These components are essential in power management circuits. --- ## 1. Technical Specifications Below are the typical electronic characteristics for the SDR10 series (specifically the 10mm diameter variants): | Property | Value / Range | | :--- | :--- | | **Component Type** | Non-shielded Power Inductor | | **Inductance Range** | Typically 1.0 µH to 1000 µH | | **Tolerance** | ±5% (J), ±10% (K), or ±20% (M) | | **Operating Temperature** | -40 °C to +125 °C | | **Mounting Type** | Surface Mount (SMD) | | **Core Material** | Ferrite | --- ## 2. Part Number Breakdown The alphanumeric code provides specific details about the component's build and performance: * **SDR**: Series name (Standard Surface Mount Power Inductor). * **10**: Indicates the physical size (approx. 10mm diameter). * **J**: Represents the **Inductance Tolerance**. In electronics, "J" stands for **±5%**. * **S**: Often denotes the packaging style (e.g., Tape & Reel) or a specific lead-free termination finish. --- ## 3. Physical Construction The SDR10JS is a **non-shielded** inductor. Its construction consists of: 1. **Ferrite Core:** A bobbin-shaped core that concentrates the magnetic field. 2. **Copper Winding:** Enameled copper wire wound around the core. 3. **Terminals:** Solder-plated pads on the bottom for PCB mounting. > **Note:** Because it is non-shielded, it is more cost-effective and has a higher saturation current for its size, but it may emit more Electromagnetic Interference (EMI) than shielded versions. --- ## 4. Common Applications These parts are generally found in DC-DC converters and power supply modules for: * **Consumer Electronics:** LCD TVs, video game consoles, and Blu-ray players. * **Telecommunications:** Base stations and network hubs. * **Industrial:** Power supplies for automation equipment. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a shielded and non-shielded inductor like the SDR10JS?
    • ⤷ How does the 'J' tolerance impact circuit performance compared to an 'M' tolerance?
    • ⤷ What are the saturation current limits for this specific inductor size?