Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SDR10KTX

  • AI
    The **SDR10KTX** is a high-performance **Software Defined Radio (SDR)** transmitter module, typically designed for industrial, telecommunications, or high-end amateur radio applications. Its internal electronic architecture is designed to handle high-bandwidth signal processing and power amplification. --- ### Core Electronic Components The device follows a direct-conversion or high-IF architecture. Below are the primary electronic sections: #### 1. FPGA / Digital Signal Processor (DSP) The "brain" of the unit. It handles the modulation of raw data into I/Q (In-phase and Quadrature) signals. * **Function:** Performs Digital Up-Conversion (DUC), filtering, and error correction. * **Typical Chips:** Xilinx Zynq or Altera Cyclone series. #### 2. Digital-to-Analog Converter (DAC) Converts the processed digital streams back into analog waveforms. * **Specification:** Usually 14-bit or 16-bit for high dynamic range. * **Sampling Rate:** High GSPS (Giga-samples per second) to allow for direct RF synthesis. #### 3. RF Front-End & Mixers * **Up-converter:** Shifts the baseband signal to the desired transmission frequency (e.g., HF, VHF, or UHF). * **Local Oscillator (LO):** Usually a Phase-Locked Loop (PLL) with a Temperature Compensated Crystal Oscillator (TCXO) for high frequency stability. #### 4. Power Amplifier (PA) Stage The "10K" in the name often refers to power capability (though in some contexts, it refers to bandwidth or series numbers). * **Final Stage:** Uses LDMOS or GaN (Gallium Nitride) transistors to provide high gain and efficiency. * **Heat Management:** Large aluminum heatsinks and often active cooling (fans) to prevent thermal runaway. --- ### Technical Specifications Summary | Component | Description | | :--- | :--- | | **Processor** | High-speed FPGA for real-time waveform generation. | | **DAC Resolution** | 16-bit (typically) for low noise floor. | | **Frequency Range** | Usually 100 kHz to 3 GHz (model dependent). | | **Modulation Types** | AM, FM, SSB, QAM, PSK (Software defined). | | **Output Impedance** | 50 Ohms. | --- ### Protection & Peripheral Circuitry 1. **Low Pass Filters (LPF):** A bank of filters to suppress harmonics and ensure spectral purity before the signal hits the antenna. 2. **SWR Bridge:** Electronic sensors that measure Reflected Power to protect the Power Amplifier from damage if the antenna is disconnected. 3. **Interface Bridge:** Ethernet or USB 3.0 controllers to interface with a host PC for control software (like GNU Radio or SDR#).
    ✨ Follow-up Questions
    • ⤷ What is the maximum output power (wattage) of the SDR10KTX?
    • ⤷ Does this module support full-duplex operation or is it transmit-only?
    • ⤷ Which FPGA architecture is most commonly used in this specific SDR series?