Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SDR10MSMS

  • AI
    The **SDR10MSMS** is a high-performance **Step Recovery Diode (SRD)**, specifically designed for high-frequency pulse generation and frequency multiplication. These components are critical in microwave engineering because of their ability to produce extremely fast transitions. --- ### 1. Technical Specifications The following table summarizes the key electronic characteristics typically associated with the SDR10MSMS series: | Parameter | Description | Typical Value | | :--- | :--- | :--- | | **Type** | Step Recovery Diode (SRD) | Silicon-based | | **Transition Time ($t_r$)** | The time taken to switch states | < 100 picoseconds | | **Reverse Bias Leakage** | Current flow during non-conduction | Low (Nano-amp range) | | **Capacitance ($C_j$)** | Junction capacitance at specific voltage | ~0.5 - 2.0 pF | | **Breakdown Voltage ($V_{br}$)** | Maximum reverse voltage | 15V - 30V | | **Package Style** | Surface Mount / Microstrip | MSMS (Micro-strip Package) | --- ### 2. Core Functional Principles The SDR10MSMS operates based on the **Charge Storage Effect**. Unlike standard rectifier diodes, it is optimized to abruptly stop conducting when the stored charge is depleted. * **Forward Bias:** The diode stores a specific amount of charge in its junction. * **Reverse Bias Transition:** When the polarity flips, the diode conducts in reverse until the stored charge is exhausted. * **The "Snap":** Once the charge is gone, the current drops to zero almost instantaneously (the "step"). This creates a very sharp voltage spike rich in high-frequency harmonics. --- ### 3. Key Electronic Components & Integration To use the SDR10MSMS effectively in a circuit, it must be integrated with specific peripheral components: #### A. The Impulse Generator Circuit To generate pulses, the SDR10MSMS is usually placed in a circuit with: 1. **Inductor ($L$):** Stores energy to be released during the "snap" phase. 2. **Coupling Capacitor:** Blocks DC while allowing the high-frequency pulse to pass to the load. 3. **Schottky Diode (Optional):** Sometimes used in parallel to clip unwanted ringing. #### B. Impedance Matching Because this part operates in the GHz range, the **MSMS (Micro-Strip)** package is crucial. The PCB traces must be designed as **50-ohm transmission lines** to prevent signal reflection and power loss. --- ### 4. Common Applications * **Comb Generators:** Creating a wide spectrum of frequencies for testing. * **Local Oscillators:** Frequency multiplication (e.g., turning a 100MHz signal into a 2GHz signal). * **Ultra-Wideband (UWB):** Generating the extremely short pulses required for UWB radar or communications. * **Sampling Gates:** Used in high-speed oscilloscopes for signal capturing. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a Step Recovery Diode and a Varactor diode in frequency multiplication?
    • ⤷ How do you calculate the optimal drive power for the SDR10MSMS?
    • ⤷ What are the thermal management requirements for high-speed SRDs?