Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SDS312_

  • AI
    The **SDS312** is a specialized electronic module, typically recognized as a **PM2.5 Laser Dust Sensor** or a **Smart Digital Display** controller depending on the manufacturer (though it is most commonly associated with air quality sensing technology). Below is a breakdown of the electronic components and technical specifications for the **SDS312 Laser Dust Sensor**. --- ### 1. Key Electronic Components The device functions through a combination of optical and electronic subsystems: | Component | Function | | :--- | :--- | | **Laser Diode** | Emits a concentrated beam of light into the sensing chamber. | | **Photodiode/Optical Sensor** | Detects light scattered by particles (Tyndall effect). | | **Microcontroller (MCU)** | Processes raw analog signals into digital density readings. | | **Brushless Fan** | Provides constant airflow to ensure consistent sampling. | | **UART Interface** | Handles serial communication with external controllers (e.g., Arduino, ESP32). | --- ### 2. Technical Specifications The SDS312 is designed for high-precision monitoring of particulate matter. * **Measurement Range:** 0.0-999.9 μg/m³ * **Operating Voltage:** 5V DC (Standard for most digital circuits) * **Power Consumption:** * Working: ~70mA ±10mA * Sleep Mode: <4mA * **Response Time:** 1 second * **Output Signal:** UART (9600 bps) and PWM. --- ### 3. Pinout Configuration The sensor usually utilizes a 4-pin or 5-pin connector for integration: 1. **VCC:** 5V Power Supply. 2. **GND:** Ground. 3. **TX:** UART Transmit (Connect to RX of MCU). 4. **RX:** UART Receive (Connect to TX of MCU). 5. **PWM:** (Optional) Pulse Width Modulation output for density levels. --- ### 4. Working Principle 1. **Air Intake:** The internal fan pulls air through the chamber. 2. **Scattering:** The laser hits the particles in the air, scattering light. 3. **Conversion:** The photodiode converts the intensity of the scattered light into an electric current. 4. **Algorithm:** The internal MCU uses a specific algorithm to translate current fluctuations into mass concentration (μg/m³). ---
    ✨ Follow-up Questions
    • ⤷ How do I interface the SDS312 with an Arduino?
    • ⤷ What is the difference between the SDS312 and the SDS011 sensor?
    • ⤷ How do I interpret the UART data packet structure for this sensor?