Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SE2432L-R

  • AI
    The **SE2432L-R** is a high-performance, fully integrated RF Front-End Module (FEM) designed specifically for ZigBee, Smart Energy, and IEEE 802.15.4 applications. It is manufactured by Skyworks Solutions. --- ### ## Technical Specifications Overview The SE2432L-R integrates several critical RF components into a single compact package to simplify hardware design and reduce the Bill of Materials (BOM). | Feature | Specification | | :--- | :--- | | **Operating Frequency** | 2.4 GHz to 2.483 GHz | | **Integrated Components** | PA, LNA, Transmit/Receive Switch, Harmonics Filter | | **Transmit Output Power** | +24 dBm (at 3.6V) | | **Receive Gain** | 12 dB (Typical) | | **Supply Voltage (VCC)** | 2.0V to 3.6V | | **Package Type** | 24-pin QFN (3.0 x 4.0 x 0.9 mm) | --- ### ## Core Electronic Components The internal architecture of the SE2432L-R consists of four primary blocks: 1. **Power Amplifier (PA):** - Boosts the transmit signal to extend the range of the wireless link. - Designed for high linearity to ensure data integrity in O-QPSK modulation. 2. **Low Noise Amplifier (LNA):** - Boosts weak incoming signals while adding minimal noise. - Features a "Bypass Mode" to prevent saturation when the transmitter is very close to the receiver. 3. **Internal Switching:** - Features an integrated T/R (Transmit/Receive) switch. - Controlled via digital logic pins to toggle the antenna between the PA output and LNA input. 4. **Harmonic Filter:** - Integrated low-pass filtering to suppress spurious emissions and ensure compliance with FCC/ETSI regulations. --- ### ## Application Interface To implement this part in a circuit, developers typically interact with the following pin categories: #### **Digital Control Logic** The device state is controlled by two primary pins: **CTX** and **CRX**. | Mode | CTX | CRX | Description | | :--- | :--- | :--- | :--- | | **Sleep** | Low | Low | Ultra-low power consumption mode. | | **Receive** | Low | High | LNA is active; signal flows from Antenna to RX port. | | **Transmit** | High | Low | PA is active; signal flows from TX port to Antenna. | | **Bypass** | High | High | Signal bypasses the LNA for short-range communication. | #### **RF Ports** - **TX_IN:** Input for the 2.4GHz signal from the SoC/Transceiver. - **RX_OUT:** Output to the SoC/Transceiver. - **ANT:** Connection to the physical antenna (requires 50-ohm impedance matching). --- ### ## Design Considerations - **Thermal Management:** The bottom center pad (GND) must be soldered to a large ground plane with multiple vias to dissipate heat generated by the PA. - **Decoupling:** VCC lines require specific capacitor values (typically 10pF and 1µF) placed close to the pins to filter high-frequency noise. - **Matching:** While the chip is largely matched to 50 ohms, PCB trace width and dielectric constant must be calculated to maintain signal integrity.
    ✨ Follow-up Questions
    • ⤷ What are the power consumption levels in Sleep versus Transmit mode?
    • ⤷ Can the SE2432L-R be used with Bluetooth LE devices?
    • ⤷ What are the recommended external components for the RF matching circuit?